công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2D-24-R/Q

  • AI
    The **F2D-24-R/Q** is a high-performance, dual-axis (2D) tilt sensor or inclinometer typically used in industrial automation, construction machinery, and medical equipment. It is designed to measure angular displacement with high precision using MEMS (Micro-Electro-Mechanical Systems) technology. --- ### 1. Technical Specifications The "24" in the model name usually refers to the operating voltage, while "R/Q" typically indicates the output interface or specific mounting configuration. | Feature | Specification (Typical) | | :--- | :--- | | **Technology** | MEMS (Micro-Electro-Mechanical Systems) | | **Number of Axes** | Dual Axis (X and Y) | | **Input Voltage** | 9V to 36V DC (Nominal 24V) | | **Measurement Range** | ±10° to ±90° (Depending on sub-model) | | **Output Signal** | RS232, RS485, or 4-20mA Analog | | **Resolution** | 0.01° | | **Protection Class** | IP67 (Waterproof and Dustproof) | --- ### 2. Key Electronic Components #### A. MEMS Accelerometer Core The heart of the device is a silicon micromachined sensor. It consists of a "proof mass" suspended by springs. When the sensor tilts, gravity pulls the mass, changing the capacitance between the mass and fixed electrodes. This change is converted into a voltage. #### B. Signal Conditioning Circuitry * **ADC (Analog-to-Digital Converter):** Converts the raw analog capacitance changes into high-resolution digital data. * **Microcontroller (MCU):** Performs real-time filtering (low-pass) to remove vibrations and noise, and calculates the trigonometric values to output degrees. #### C. Power Management * **Voltage Regulator:** Ensures the internal sensitive electronics receive a stable 3.3V or 5V even if the input supply (24V) fluctuates. * **Reverse Polarity Protection:** Protects the internal circuits if the positive and negative wires are connected incorrectly. #### D. Communication Interface * **Digital Transceiver:** For RS232/RS485 models, a transceiver chip manages the communication protocol, allowing long-distance data transmission without signal degradation. --- ### 3. Connection Pinout (Typical) Most F2D series sensors use an M12 aviation plug or a color-coded lead wire system: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC | Positive Power Input (24V) | | **Black** | GND | Ground / Negative | | **Green** | RX / Signal X | Receive Data or X-Axis Output | | **Yellow** | TX / Signal Y | Transmit Data or Y-Axis Output | | **White** | Common | Signal Ground | --- ### 4. Application Use-Cases 1. **Solar Tracking:** Ensuring solar panels are tilted at the optimal angle toward the sun. 2. **Crane Leveling:** Preventing tip-overs by monitoring the horizontal level of the chassis. 3. **Bridge Monitoring:** Measuring structural deformation or settling over time. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific communication protocol used by the R/Q variant (Modbus or ASCII)?
    • ⤷ Does this sensor include internal temperature compensation for outdoor use?
    • ⤷ What is the maximum shock/vibration rating for the F2D-24 series?