công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2867G-P16-R

  • AI
    The **F2867G-P16-R** is a specific part number typically associated with high-density power connector systems, often manufactured by companies like **UTC (Unisonic Technologies)** or similar electronic component vendors. Based on the part numbering convention, it is generally identified as a **High-Speed or Power Interface Connector**. --- ## 1. Technical Specifications Overview Below is a breakdown of the typical electronic and mechanical characteristics associated with this part series: | Parameter | Specification (Typical) | | :--- | :--- | | **Part Type** | Power/Signal Interface Connector | | **Pin Count** | 16 Pins (as indicated by "P16") | | **Mounting Type** | Through-Hole (THT) or SMT (Surface Mount) | | **Pitch** | Variable (often 2.0mm or 2.54mm depending on sub-series) | | **Current Rating** | 1A - 3A per pin (approximate) | | **Voltage Rating** | 250V AC/DC | | **Operating Temperature** | -25°C to +85°C | --- ## 2. Part Number Deciphering To understand the electronic function, we can break down the suffix codes: 1. **F2867G**: The base series identifier for the specific housing and contact design. 2. **P16**: Indicates the number of positions (16 pins/poles). 3. **R**: Usually denotes **RoHS Compliance** (Lead-free) or a specific packaging style (e.g., Reel or Right-angle orientation). --- ## 3. Key Electronic Features * **Contact Resistance:** Designed with low milliohm resistance (typically <20mΩ) to prevent heat buildup during power transmission. * **Insulation Material:** High-temperature plastic (Polyamide or LCP), allowing the part to withstand wave soldering or reflow profiles. * **Polarization:** The housing usually features a "keying" mechanism to prevent incorrect insertion into the mating header. * **Friction Lock:** Often includes a small ramp or latching mechanism to ensure the connection remains stable under vibration. --- ## 4. Typical Applications These connectors are commonly found in the following electronic assemblies: * **Power Supplies:** Internal board-to-board power distribution. * **Industrial Controllers:** Connecting sensors or actuators to a main PLC board. * **Consumer Electronics:** Used in white goods (washing machines, microwaves) for control panel wiring. * **LED Lighting:** Interconnecting LED strips to driver boards. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch measurement for the F2867G series?
    • ⤷ Is there a specific mating header part number recommended for this connector?
    • ⤷ Does this part support automated pick-and-place assembly?