công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F1SP-R100-JT

  • AI
    The **F1SP-R100-JT** is a high-precision, current-sensing power resistor. It is part of a specialized series designed for low-resistance applications where accuracy and stability are critical. ### 1. Technical Specifications Below is a breakdown of the typical electronic characteristics for this component: | Feature | Specification | | :--- | :--- | | **Resistance Value** | 100 mΩ (0.1 Ω) | | **Tolerance** | ±5% (indicated by 'J') | | **Power Rating** | 1W (standard for SP series) | | **Temperature Coefficient** | Low TCR (typically ±100 ppm/°C) | | **Configuration** | Surface Mount / Special Lead Frame | | **Construction** | Metal Plate / Shunt | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the exact capabilities of the part: * **F1SP**: The series designation, usually referring to a power metal plate resistor designed for current sensing. * **R100**: Represents the resistance value. The "R" acts as a decimal point, meaning $0.100$ Ohms or $100$ mΩ. * **J**: Represents the tolerance. In the resistor industry, **J** stands for **±5%**. * **T**: Usually indicates the packaging type, such as **Tape and Reel**. --- ### 3. Key Electronic Functions The F1SP-R100-JT is primarily used for **Current Sensing**. Its internal physics allow it to function in the following ways: * **Ohm’s Law Application**: By placing this resistor in series with a load, the voltage drop across it ($V = I \times R$) can be measured to determine the current flowing through the circuit. * **Heat Dissipation**: Because it is a "Power" resistor, it is designed to handle the thermal energy generated by high current without shifting its resistance value significantly. * **Low Inductance**: The metal plate construction minimizes parasitic inductance, making it suitable for high-frequency switching power supplies. --- ### 4. Common Applications * **Battery Management Systems (BMS)**: Monitoring charge and discharge cycles. * **DC-DC Converters**: Feedback loops for current regulation. * **Motor Controllers**: Detecting overcurrent conditions to protect the motor. * **Power Supplies**: Precise load monitoring in industrial equipment. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a metal plate resistor and a thick film resistor for current sensing?
    • ⤷ How does a 5% tolerance affect the accuracy of a current measurement circuit?
    • ⤷ What are the recommended thermal management practices for 1W SMD resistors?