AI

The **F1SP-R100-FT** is a specialized fiber optic sensing component, typically associated with high-precision industrial automation systems (often processed by manufacturers like **Panasonic/Sunx** or similar high-end sensor providers). It is primarily a **Liquid Level Fiber Optic Sensor Head**.
---
## 1. Technical Specifications
Below are the key electrical and physical attributes of the F1SP-R100-FT:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Fiber Optic Sensor Head (Liquid Level) |
| **Sensing Method** | Refractive Index / Liquid Contact |
| **Fiber Length** | 100cm (Standard 1m) |
| **Bending Radius** | R10 mm (High flexibility) |
| **Material (Tip)** | Fluorine resin (Teflon) or SUS304 (Varies by sub-model) |
| **Ambient Temperature** | -40 to +70°C |
---
## 2. Electronic Operating Principle
The F1SP-R100-FT does not contain active electronics (like transistors) within the head itself. Instead, it functions as an **optical waveguide**:
1. **Light Transmission:** Infrared or Red light is emitted from an external amplifier (e.g., FX-100 or FX-500 series).
2. **Refractive Index Detection:** The tip of the fiber uses a prism or a specific cut.
* **In Air:** Light reflects off the tip surface and returns to the receiver.
* **In Liquid:** Light refracts into the liquid due to the change in refractive index, causing the returning light intensity to drop.
3. **Signal Processing:** The external amplifier detects this drop in intensity and converts it into an electrical output (NPN/PNP).
---
## 3. Key Electronic Advantages
* **EMI/RFI Immunity:** Since the sensing head is purely optical (no copper wires at the tip), it is completely immune to electromagnetic interference, making it ideal for high-noise industrial environments.
* **Intrinsic Safety:** There is no electrical current at the point of sensing, making it safe for use in explosive or flammable liquid reservoirs (Ex-proof compatibility).
* **Corrosion Resistance:** The "FT" designation often refers to a Fluorine-coated (Teflon) tip, allowing the sensor to be submerged in harsh chemicals or acids without short-circuiting.
---
## 4. Typical Connection Setup
To use this part, it must be integrated into a larger circuit:
1. **Emitter Fiber Port:** Connects to the light-out port of the amplifier.
2. **Receiver Fiber Port:** Connects to the light-in port of the amplifier.
3. **Amplifier Output:** Typically a 3-wire DC system (Brown: V+, Blue: Ov, Black: Signal).
---
- ⤷
Which specific amplifier series is compatible with the F1SP-R100-FT?
- ⤷ What is the chemical resistance rating of the 'FT' coating?
- ⤷ How does the bending radius affect light signal attenuation in this model?