công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F1SP-R10-JT

  • AI
    The **F1SP-R10-JT** is a specialized electronic component, typically classified as a **Precision Thick Film Chip Resistor** or a **Jumper**. These components are widely used in high-reliability automotive and industrial circuit designs. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. Key Technical Specifications The alphanumeric code provides specific details regarding its physical and electrical properties: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Thick Film Resistor / Jumper | Surface-mount technology (SMT). | | **Resistance Value** | 0.10 $\Omega$ (R10) | Low resistance value, often used for sensing or bridging. | | **Tolerance** | $\pm 5\%$ (J) | Indicates the allowable variance from the nominal resistance. | | **Packaging** | Tape & Reel (T) | Standard format for automated pick-and-place assembly. | | **Case Size** | Variable (Manufacturer dependent) | Typically standard EIA sizes (e.g., 0603, 0805, or 1206). | --- ### 2. Physical Construction The F1SP series utilizes a specific layered construction to ensure stability under thermal stress: 1. **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic for excellent heat dissipation. 2. **Resistive Element:** Metal glaze/Thick film paste fired at high temperatures. 3. **Protective Coating:** A glass or epoxy overcoat to protect against moisture and oxidation. 4. **Terminations:** Lead-free (Sn) plating over a Nickel (Ni) barrier to prevent silver leaching during soldering. --- ### 3. Applications and Functions Because of its "R10" (0.1 Ohm) designation, this part usually serves three primary roles in an electronic circuit: * **Current Sensing:** Used in power management circuits to measure current flow by monitoring the voltage drop across the resistor. * **Circuit Bridging (Jumper):** Acting as a zero-ohm or low-ohm link to connect different sections of a PCB. * **Inrush Current Limiting:** Providing a small amount of resistance to protect sensitive components during the initial power-up phase. --- ### 4. Environmental and Compliance Features * **RoHS Compliant:** Free from lead, cadmium, and other hazardous substances. * **AEC-Q200:** Depending on the specific manufacturer (like Kamaya or KOA), "F1" series parts often meet automotive reliability standards for vibration and thermal shock. * **Operating Temperature:** Typically rated for **-55°C to +155°C**.
    ✨ Follow-up Questions
    • ⤷What is the wattage rating for the F1SP-R10-JT?
    • ⤷ Can this component be used in high-frequency RF applications?
    • ⤷ What are the common footprints (EIA sizes) available for this series?