F1S-R100-JB
AI

The **F1S-R100-JB** is a specific model of a power resistor, typically manufactured by companies like **RCD Components**. It is designed for high-reliability applications where space is limited but power dissipation is required.
---
### 1. Technical Specifications
The part number can be decoded to understand its specific electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | F1S | Flameproof miniature power film resistor |
| **Resistance Value** | R100 | **0.1 Ohms ($\Omega$)** |
| **Tolerance** | J | **±5%** |
| **Packaging** | B | Bulk Packaging |
| **Power Rating** | 1 Watt | High power density for its size |
---
### 2. Key Electronic Features
* **Flameproof Coating:** The "F" in the series indicates a flameproof inorganic coating. In the event of an overload, the resistor will not catch fire or emit flames, which is a critical safety feature in power supplies.
* **Miniature Size:** The "S" stands for "Small" or "Slim." It provides the power rating of a standard 1W resistor but in the physical body size of a 0.5W (1/2 Watt) resistor.
* **Metal Oxide / Power Film:** It utilizes a high-grade metal film or metal oxide technology to ensure stability and heat resistance.
* **Low Resistance:** At 0.1 $\Omega$, this is a "shunt" or "low-ohmic" resistor, often used for current sensing.
---
### 3. Common Applications
Due to its low resistance and 1W power rating, the F1S-R100-JB is commonly used for:
1. **Current Sensing:** Measuring the voltage drop across the resistor to determine current flow in a circuit ($V = I \times R$).
2. **Inrush Limiting:** Protecting sensitive components from sudden surges of electricity.
3. **Feedback Loops:** Used in switching power supplies (SMPS) for regulation.
4. **Audio Circuits:** Used in output stages of amplifiers.
---
### 4. Component Identification Code
If you are looking at the physical component, the markings usually follow the standard convention:
```text
F1S <-- Series
R100 <-- 0.1 Ohm
J <-- 5% Tolerance
[Date Code] <-- Year/Week of Manufacture
```
---
- ⤷
What is the maximum operating temperature for the F1S series?
- ⤷ Can this resistor be used in high-frequency RF applications?
- ⤷ What are the physical dimensions of a miniature 1W resistor?