F1S-R10-JB
AI

## Analysis of F1S-R10-JB Electronic Component
The **F1S-R10-JB** is a specific type of power resistor, commonly manufactured by companies like **Stackpole Electronics**. It belongs to the F1S series, which are axial-leaded, flameproof, metal film resistors designed for high-power density in a small package.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its specific electronic characteristics:
| Code Segment | Meaning | Value / Description |
| :--- | :--- | :--- |
| **F1S** | Series Name | 1-Watt Miniature Metal Film Resistor |
| **R10** | Resistance Value | 0.10 Ohms ($\Omega$) |
| **J** | Tolerance | $\pm$ 5% |
| **B** | Packaging | Bulk Packaging |
---
### 2. Technical Specifications
This component is designed to handle significant current relative to its size while maintaining stability.
* **Power Rating:** 1 Watt at 70°C.
* **Resistance:** 0.1 $\Omega$ (very low resistance).
* **Tolerance:** $\pm$ 5%.
* **Technology:** Metal Film.
* **Coating:** Flameproof silicone coating (essential for safety in case of overcurrent).
* **Operating Temperature Range:** -55°C to +155°C.
* **Temperature Coefficient (TCR):** Typically $\pm$ 200 ppm/°C for this low resistance value.
---
### 3. Key Electronic Features
* **Miniaturization:** The "S" in F1S stands for "Small." This part provides the power handling of a standard 1-watt resistor but in a physical size closer to a 0.5-watt resistor.
* **Flameproof Construction:** The coating is designed not to catch fire or emit flames even if the resistor is overloaded to the point of failure.
* **High Pulse Handling:** Metal film resistors of this type generally offer better pulse stability compared to carbon film alternatives.
---
### 4. Typical Applications
Given its low resistance (0.1 $\Omega$) and 1W power rating, the F1S-R10-JB is frequently used in:
1. **Current Sensing:** Measuring the voltage drop across the resistor to determine current flow in a circuit.
2. **Power Supplies:** Used in feedback loops or as a shunt.
3. **Inrush Current Limiting:** Protecting sensitive components from initial power surges.
4. **Audio Equipment:** Used in output stages where low resistance and high power stability are required.
---
### 5. Mechanical Dimensions (Approximate)
| Dimension | Metric (mm) |
| :--- | :--- |
| Body Length | 9.0 mm $\pm$ 0.5 |
| Body Diameter | 3.2 mm $\pm$ 0.5 |
| Lead Diameter | 0.65 mm $\pm$ 0.05 |
- ⤷
What are the alternatives to F1S-R10-JB if a 1% tolerance is required?
- ⤷ How does the flameproof coating behave under an extreme overload condition?
- ⤷ Can this resistor be used in high-frequency RF applications?