EX87424-R4BW
AI

The **EX87424-R4BW** is a high-performance, industrial-grade Managed Ethernet Switch typically manufactured by **EtherWAN**. It is designed for mission-critical environments such as smart city infrastructure, transportation systems, and industrial automation.
Below is a breakdown of its electronic components, specifications, and architecture.
---
### 1. Port Configuration & Physical Layer (PHY)
The "87424" designation typically refers to the port density and type:
* **10/100/1000Base-TX:** Equipped with 8 Copper ports (RJ45) supporting Gigabit speeds.
* **SFP Slots:** Usually features 4 Dual-rate SFP slots (100/1000Base) for fiber optic uplink connectivity.
* **Auto-MDI/MDIX:** Electronic sensors that automatically detect straight-through or crossover cable types.
### 2. Core Processing & Switching Fabric
The internal electronic architecture is built to handle heavy data loads without latency:
* **Switching Capacity:** Generally provides a non-blocking switching fabric (around 24Gbps) to ensure wirespeed performance across all ports.
* **Packet Buffer:** Integrated high-capacity memory to prevent data loss during traffic bursts.
* **EEPROM/Flash:** Stores firmware and configuration settings, allowing for "Managed" features like VLANs and QoS.
### 3. Power Supply Unit (PSU) & Protection
As an industrial device, the electronic power management is robust:
| Component | Specification |
| :--- | :--- |
| **Input Voltage** | Redundant 12-48VDC Terminal Block |
| **Power Consumption** | Low-wattage design for heat reduction |
| **Protection** | Reverse Polarity Protection & Overload Current Protection |
| **Isolation** | 1.5kV Magnetic Isolation on Ethernet ports |
### 4. Management & Intelligence (Layer 2)
The internal logic supports advanced software-defined networking features:
* **Redundancy Protocols:** Supports **Alpha-Ring**, RSTP, and MSTP for sub-15ms recovery in case of link failure.
* **Security:** Hardware-based MAC address filtering and IEEE 802.1X port-based security.
* **Diagnostics:** Digital Diagnostic Monitoring (DDM) for fiber SFPs to monitor laser power and temperature.
---
### Technical Specifications Summary
| Feature | Details |
| :--- | :--- |
| **Housing** | IP30 Aluminum Case (Fanless) |
| **Operating Temp** | -40°C to 75°C (-40°F to 167°F) |
| **Mounting** | DIN-Rail or Wall Mount |
| **Alarm Contact** | Relay output for power or port failure notification |
---
- ⤷
Does the EX87424-R4BW support Power over Ethernet (PoE) on its copper ports?
- ⤷ What is the specific meaning of the 'R4BW' suffix in the model number?
- ⤷ How does the Alpha-Ring protocol compare to standard RSTP in industrial setups?