EX87424-R05W
AI

The **EX87424-R05W** is a high-performance, industrial-grade Managed Ethernet Switch manufactured by **EtherWAN**. It is designed specifically for harsh environments and critical infrastructure applications.
---
## 1. Core Technical Specifications
The model number breakdown reveals its primary hardware configuration and port density.
| Component | Specification |
| :--- | :--- |
| **Total Ports** | 28 Ports |
| **Gigabit Ports** | 24 x 10/100/1000BASE-TX (RJ45) |
| **Uplink Ports** | 4 x 1/10G SFP+ Slots (Fiber) |
| **Switching Capacity** | 128 Gbps |
| **Mounting** | 1U 19" Rack-mount |
| **Input Voltage** | Redundant 100-240VAC |
---
## 2. Key Electronic Features
### Hardware Resilience
* **Fanless Design:** The unit is often built with advanced thermal dissipation to minimize moving parts, increasing the Mean Time Between Failures (MTBF).
* **Redundant Power:** It features dual AC power inputs to ensure the device remains operational if one power source fails.
* **Operating Temperature:** Engineered to function in extreme conditions, typically ranging from **-40°C to 75°C** (-40°F to 167°F).
### Management & Intelligence
The "Managed" aspect refers to the internal logic boards and firmware capabilities:
* **L2+/L3 Static Routing:** Includes support for IPv4/IPv6 static routing to manage traffic between different VLANs.
* **Redundancy Protocols:** Supports **Alpha-Ring**, RSTP, MSTP, and LACP for sub-15ms recovery in the event of a network loop or link failure.
* **Security:** Features 802.1x Port-based authentication, RADIUS/TACACS+, and ACLs (Access Control Lists).
---
## 3. Physical Interfaces
| Port Type | Quantity | Usage |
| :--- | :--- | :--- |
| **RJ45** | 24 | High-speed copper connections for local devices (PCs, PLCs, Cameras). |
| **SFP+** | 4 | 10-Gigabit fiber modules for long-distance backbone connectivity. |
| **Console** | 1 | RS-232 (RJ45) for out-of-band management and configuration. |
| **Relay Contact** | 1 | Configurable alarm output for power or port link failure. |
---
## 4. Industrial Compliance
This specific hardware is often certified for specialized environments:
* **NEMA TS2:** For traffic control equipment.
* **IEC 61850-3 / IEEE 1613:** For power substation automation.
* **EN 50121-4:** For railway trackside applications.
- ⤷
Does this model support Power over Ethernet (PoE) for IP cameras?
- ⤷ How do I configure the SFP+ ports for 10Gbps operation?
- ⤷ What is the specific power consumption in Watts for this unit?