EX87424-R05TR
AI

The **EX87424-R05TR** is a specialized electronic component, typically classified as a **High-Frequency/RF Magnetic Module** or a **LAN Transformer**, often used in networking hardware. It is manufactured by companies like Pulse Electronics or similar magnetic component specialists to facilitate signal isolation and noise reduction.
---
## 1. Technical Specifications
This component is designed to manage high-speed data transmission while protecting sensitive circuitry from electromagnetic interference (EMI) and voltage spikes.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | LAN Transformer / Magnetic Module |
| **Application** | 10/100/1000 Base-T (Ethernet) |
| **Turns Ratio** | Typically 1:1 for both Transmit (TX) and Receive (RX) |
| **Isolation Voltage** | 1500 Vrms (minimum) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Configuration** | Quad Port or Multi-channel (depending on specific R05 revision) |
---
## 2. Key Electronic Functions
The EX87424-R05TR performs several critical roles within a PCB assembly:
### A. Galvanic Isolation
It provides electrical isolation between the Ethernet cable and the PHY (Physical Layer) chip. This protects the internal hardware from static electricity, lightning surges, or ground loops common in long-distance cabling.
### B. Impedance Matching
The module matches the differential impedance of the Ethernet controller (usually 100 ohms) to the twisted-pair cable, ensuring maximum signal integrity and minimal reflections.
### C. Common Mode Filtering
Built-in **Common Mode Chokes (CMC)** suppress high-frequency noise that can interfere with data transmission or cause the device to fail FCC/CE electromagnetic compatibility tests.
---
## 3. Physical Attributes and Packaging
* **Form Factor:** Low-profile SMD package to fit within compact networking devices like routers or switches.
* **Tape and Reel:** The "TR" suffix in the part number indicates that the component is delivered in **Tape and Reel** packaging, optimized for automated pick-and-place assembly machines.
* **Pinout:** Designed for high-density layouts, typically featuring a high pin count to accommodate multiple data channels.
---
## 4. Typical Applications
* **Networking Gear:** Managed switches, industrial routers, and hubs.
* **Computing:** High-end server motherboards and Network Interface Cards (NICs).
* **Industrial Automation:** PLCs and industrial Ethernet gateways requiring high reliability.
- ⤷What is the typical pinout configuration for the EX87424 series?
- ⤷ How does the 'R05' revision differ from earlier versions like R01?
- ⤷ What are the recommended reflow soldering profiles for this SMD component?