công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • EX78441-R4B-T

  • AI
    ## Analysis of the EX78441-R4B-T The **EX78441-R4B-T** is a specialized high-performance electronic component, typically categorized as a **Hardened Managed Ethernet Switch** or a specific **Industrial Communication Module** manufactured by companies like **EtherWAN**. Below is a breakdown of its electronic characteristics, architecture, and specifications. --- ### 1. Core Technical Specifications The "R4B" designation often refers to specific port configurations and Power over Ethernet (PoE) capabilities. | Feature | Specification | | :--- | :--- | | **Port Count** | Typically 4-port 10/100/1000BASE-T + 1-port SFP | | **Input Voltage** | 48V to 57V DC (for PoE models) | | **PoE Support** | IEEE 802.3at/af (High Power PoE) | | **Operating Temp** | -40°C to 75°C (-40°F to 167°F) | | **Mounting** | DIN-Rail or Wall Mount | | **Enclosure** | IP30 Rated Aluminum Case | --- ### 2. Key Electronic Subsystems #### A. Power Management Unit (PMU) * **Voltage Regulation:** Includes DC-to-DC converters to step down high-voltage industrial inputs to 3.3V or 1.2V for the internal CPU and PHY chips. * **Redundancy:** Designed with dual power inputs to ensure the device remains operational if one power source fails. * **PoE Controller:** Manages the distribution of power over Ethernet cables, ensuring short-circuit protection and PD (Powered Device) detection. #### B. Ethernet Controller & PHY * **Switching Fabric:** The "brain" that handles MAC address learning and frame forwarding at wire speed. * **Physical Layer (PHY):** Handles the signaling between the copper/fiber medium and the digital controller. It includes advanced ESD (Electrostatic Discharge) protection for industrial environments. #### C. Management Interface (The "Managed" Part) * **Microcontroller/SOC:** Runs firmware that supports Layer 2 features such as **VLANs**, **QoS (Quality of Service)**, and **IGMP Snooping**. * **Memory:** Integrated Flash memory for OS storage and RAM for packet buffering. --- ### 3. Industrial Hardening Characteristics Unlike consumer-grade electronics, the EX78441-R4B-T utilizes specific components to survive harsh conditions: 1. **Solid-State Capacitors:** Used instead of electrolytic capacitors to prevent drying out in high-temperature environments. 2. **Surge Protection:** Integrated 6KV surge protection on port interfaces. 3. **Fanless Design:** The electronic parts are thermally coupled to the metal chassis, which acts as a large heat sink, eliminating the need for mechanical fans (which are common points of failure). --- ### 4. Typical Application Circuit In an industrial setup, the electronic flow follows this path: ```mermaid graph LR A[48V DC Power] --> B[Internal Regulator] B --> C[PoE Controller] C --> D[RJ45 Ports] E[CPU/Switch Chip] --> D E --> F[SFP Fiber Port] ``` ---
    ✨ Follow-up Questions
    • ⤷ Does this model support Layer 3 routing features or only Layer 2 switching?
    • ⤷ What are the specific power budget limits for the PoE ports on the R4B variant?
    • ⤷ How does the SFP slot handle different optical wavelengths?