AI

The **EX77424-R31TR** is a high-performance, hardened industrial managed Ethernet switch manufactured by **EtherWAN**. This specific model is designed for critical infrastructure, such as traffic control, power utilities, and industrial automation, where environmental conditions are harsh.
---
### 1. Key Technical Specifications
Below are the primary electronic and networking specifications for this hardware:
| Feature | Specification |
| :--- | :--- |
| **Port Configuration** | 24-port 10/100BASE-TX + 4-port Gigabit (SFP or Copper) |
| **Management** | Layer 2 Managed (SNMP, Web, Telnet, CLI) |
| **Enclosure** | Ruggedized Metal Shell, IP30 rated |
| **Mounting** | 1U 19" Rack-mount |
| **Forwarding Mode** | Store-and-Forward |
| **MAC Address Table** | 8K entries |
| **Packet Buffer** | 4M bits |
---
### 2. Critical Electronic Components & Design
#### A. Power Supply System
* **Redundancy:** This unit typically supports dual power inputs to ensure zero downtime. If one power source fails, the secondary takes over immediately.
* **Input Voltage:** Usually supports a wide range of DC inputs (e.g., 18-60VDC) or standard AC inputs depending on the specific module configuration.
* **Relay Output:** Includes a physical relay contact that triggers an alarm in case of power failure or port link-down.
#### B. Industrial Hardening (The "R" Series)
The "R" in the model number often denotes a specific revision or **Ruggedized** certification.
* **Operating Temperature:** Designed to operate between **-40°C to 75°C (-40°F to 167°F)** without the use of internal fans (Passive Cooling).
* **Electromagnetic Compatibility (EMC):** High resistance to electrostatic discharge (ESD), surges, and electrical fast transients (EFT).
* **Vibration/Shock Resistance:** Tested against IEC 60068 standards for constant vibration and mechanical shock.
#### C. Integrated Circuits (ICs) and Switching Fabric
* **Switching Capacity:** The internal backplane is designed for non-blocking wire-speed switching, handling up to 12.8Gbps (depending on specific revision bandwidth).
* **SFP Slots:** The 4 Gigabit ports utilize SFP (Small Form-factor Pluggable) transceivers, allowing for fiber optic connectivity over long distances (up to 120km depending on the module).
---
### 3. Software & Logic Features
The electronic firmware provides advanced Layer 2 management:
1. **Redundancy Protocols:** Supports **Alpha-Ring**, RSTP, MSTP, and STP to prevent network loops and provide sub-15ms recovery.
2. **VLAN Support:** Port-based, Tag-based (802.1Q), and Double VLAN (Q-in-Q).
3. **Security:** Features 802.1X Port-based Access Control, MAC Filtering, and RADIUS/TACACS+ support.
---
- ⤷What are the specific power input requirements for the R31TR variant?
- ⤷ Does this model support Power over Ethernet (PoE)?
- ⤷ What is the difference between the EX77424 and the EX77000 series?