công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • EX76322-RATT

  • AI
    The **EX76322-RATT** is a high-performance, industrial-grade Managed Ethernet Switch, typically manufactured by **EtherWAN**. It is designed for demanding environments like smart cities, transportation, and industrial automation. Below is a breakdown of its electronic components, technical specifications, and functional design. --- ## 1. Core Technical Specifications The device is characterized by its "All-Gigabit" architecture and ruggedized internal circuitry. | Feature | Specification | | :--- | :--- | | **Port Configuration** | 16-port 10/100/1000BASE-TX + 2-port Gigabit SFP | | **Switching Capacity** | 36 Gbps | | **Input Voltage** | 12 to 48VDC (Redundant Terminal Block) | | **Operating Temp** | -40°C to 75°C (-40°F to 167°F) | | **Mounting** | DIN-Rail or Wall mount | --- ## 2. Key Electronic Components & Modules ### A. Network Processing Unit (NPU) / ASIC The heart of the EX76322 is a high-bandwidth switching chip (ASIC) designed for **Layer 2 management**. It handles: * **MAC Address Table:** Supports up to 8K entries. * **Packet Buffer:** 4.1 Mbits for handling bursty traffic without data loss. * **Jumbo Frames:** Support up to 9K bytes for high-efficiency data transfer. ### B. The PHY (Physical Layer) Interface Each of the 16 copper ports contains a PHY chip that handles the conversion between the digital signals of the processor and the analog signals of the Ethernet cable. * Includes **Auto-MDI/MDIX** sensing logic. * Integrated **ESD Protection** to prevent damage from static discharge. ### C. SFP (Small Form-factor Pluggable) Slots The "2-port SFP" section consists of high-speed SerDes (Serializer/Deserializer) lanes. These allow the use of optical transceivers for long-distance fiber optic communication, providing electrical isolation between remote nodes. ### D. Power Supply Circuitry Designed for industrial reliability, the power section includes: * **Redundant Power Inputs:** Dual terminal blocks ensure the device stays online if one power source fails. * **Reverse Polarity Protection:** Prevents circuit fry if wires are connected incorrectly. * **Voltage Regulators:** High-efficiency DC-DC converters to step down input voltage (12-48V) to the low voltages (1.0V, 1.8V, 3.3V) required by the internal ICs. --- ## 3. Industrial Hardening (Protection Electronics) Unlike consumer electronics, the EX76322-RATT contains specific components to withstand "dirty" electrical environments: 1. **Surge Protection:** Built-in protection against voltage spikes (often rated up to 6kV). 2. **Galvanic Isolation:** The Ethernet ports are transformer-coupled to protect the internal logic from ground loops. 3. **Aluminum Housing:** Acts as a massive heat sink, allowing the electronics to operate at +75°C without internal fans (Fanless design). --- ## 4. Software-Driven Electronic Features (Management) The hardware supports complex firmware features: * **SNMP & RMON:** For electronic remote monitoring. * **VLAN Support:** Logical separation of data at the hardware level. * **Alpha-Ring:** A proprietary redundancy protocol that allows the electronics to recover from a network break in less than 15ms.
    ✨ Follow-up Questions
    • ⤷ Does the EX76322-RATT support Power over Ethernet (PoE) on its 16 ports?
    • ⤷ What is the specific meaning of the 'RATT' suffix in the EtherWAN nomenclature?
    • ⤷ How does the fanless design affect the MTBF (Mean Time Between Failures) of these electronic parts?