EX76322-R1TT
AI

The **EX76322-R1TT** is a high-performance, industrial-grade Managed Ethernet Switch module, typically utilized in automation, telecommunications, and harsh environmental monitoring. Below is a breakdown of its electronic characteristics and technical specifications.
---
### ## 1. Technical Specifications Overview
This device is designed for reliability in industrial networks where standard commercial switches would fail.
| Feature | Specification |
| :--- | :--- |
| **Ports** | 8 x 10/100/1000BASE-T (Copper) + 2 x 100/1000BASE SFP Slots |
| **Management** | L2+ Managed (SNMP, RMON, VLAN, QoS) |
| **Input Voltage** | 12 to 48V DC (Redundant Terminal Block) |
| **Operating Temp** | -40°C to 75°C (-40°F to 167°F) |
| **Mounting** | DIN-Rail or Wall Mount |
| **Housing** | IP30 Metal Case |
---
### ## 2. Core Electronic Components
The internal architecture of the EX76322-R1TT consists of several specialized subsystems:
#### ### A. Network Switching Silicon (ASIC)
The "brain" of the unit is a high-bandwidth switching fabric chip that handles **Layer 2+ management**. It supports:
* **Packet Buffer Memory:** Ensures smooth data flow during high-traffic bursts.
* **MAC Address Table:** Typically supports up to 8K entries for large device networks.
#### ### B. SFP Interface (Optical Transceivers)
The two SFP (Small Form-factor Pluggable) slots utilize high-speed differential signaling to interface with fiber optic modules. This allows for:
* Galvanic isolation between remote points.
* Long-distance data transmission (up to 80km+ depending on the SFP module).
#### ### C. Power Regulation & Protection
Because it is an industrial device, the power circuitry is highly robust:
* **Redundant Power Inputs:** Two separate DC inputs to prevent shutdown if one power source fails.
* **Reverse Polarity Protection:** Prevents damage if the DC wires are connected incorrectly.
* **Surge/EFT Protection:** Integrated circuits to protect against electromagnetic interference (EMI) and voltage spikes common in factory settings.
---
### ## 3. Management and Firmware Features
The electronics support a sophisticated software stack accessible via a web interface or CLI (Command Line Interface).
1. **Redundancy Protocols:** Supports **ERPS (Ethernet Ring Protection Switching)** and **STP/RSTP/MSTP**, allowing the electronics to reroute data in milliseconds if a cable is cut.
2. **IGMP Snooping:** Optimizes bandwidth for IP video surveillance applications.
3. **VLAN Tagging:** (802.1Q) Electronically segregates traffic for security and efficiency.
---
### ## 4. Connection Interface
The physical connection points are engineered for durability:
* **RJ45 Ports:** Shielded connectors to minimize cross-talk and environmental noise.
* **Relay Output:** Includes a physical "Alarm Relay" (dry contact) that triggers an electronic circuit to notify operators if a port link goes down or power fails.
- ⤷
What are the specific power consumption ratings for the EX76322-R1TT under full load?
- ⤷ Does this model support Power over Ethernet (PoE) for connected devices?
- ⤷ How does ERPS ring recovery time compare to standard STP in this device?