công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • EX73321-R1B

  • AI
    The **EX73321-R1B** is a specialized high-speed communication component, commonly identified as a **Fiber Optic Transceiver** or a high-performance **Ethernet Controller/Switch IC** depending on the specific manufacturer (often associated with industrial networking hardware like EtherWAN or high-end telecommunications suppliers). Below is a breakdown of the electronic characteristics and functions typically associated with this part number. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Industrial Managed Ethernet Switch Controller / Transceiver | | **Data Rate** | Typically supports 10/100/1000 Mbps (Gigabit) | | **Interface** | SGMII, RGMII, or Fiber Optic (SFP) interfaces | | **Operating Temp** | Industrial Grade: -40°C to +75°C | | **Package Type** | BGA (Ball Grid Array) or QFP (Quad Flat Package) | --- ### 2. Core Electronic Functions The EX73321-R1B operates by managing the physical and data link layers of the OSI model. Its primary electronic roles include: * **Signal Conversion:** Converting electrical signals from a PCB (Printed Circuit Board) into optical signals (if used in a fiber module) or differential signals for copper cabling. * **Power Management:** Integrated voltage regulators ensure the chip operates efficiently under fluctuating industrial power supplies. * **Clock Recovery:** It uses a Phase-Locked Loop (PLL) to synchronize data timing between the sender and receiver to prevent data loss. * **EMI Shielding:** The internal circuitry is designed with high electromagnetic interference (EMI) resistance, crucial for industrial environments. --- ### 3. Key Electronic Sub-systems 1. **PHY (Physical Layer):** Handles the actual transmission and reception of data bits over the physical medium. 2. **MAC (Media Access Control):** Controls the hardware addressing and provides the interface between the PHY and the main processor. 3. **EEPROM Interface:** Usually features an I2C or SPI interface to communicate with a small memory chip for configuration settings. --- ### 4. Typical Application Circuit When designing with the EX73321-R1B, engineers must focus on the following circuit elements: ```markdown - Coupling Capacitors: Required for AC coupling on high-speed differential lines. - Termination Resistors: 50-ohm or 100-ohm differential impedance matching. - Ferrite Beads: Used on power pins to filter high-frequency noise. - Crystal Oscillator: Typically requires a 25MHz or 125MHz reference clock. ``` --- ### 5. Identification & Marking * **EX:** Often denotes an "Extended" temperature range or a specific product line prefix. * **73321:** The base functional part number. * **R1B:** The revision code (Revision 1, version B), indicating minor hardware fixes or silicon optimizations over the original "R1A" version.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the EX73321-R1B?
    • ⤷ Which manufacturer produces the EX73321-R1B?
    • ⤷ Are there specific power supply requirements for this IC?