EVK-R500S
AI

The **EVK-R500S** is an evaluation kit developed by u-blox to test and develop applications for the **SARA-R500S** module. This module is part of the SARA-R5 series, focusing on LTE-M and NB-IoT cellular connectivity with high security.
---
## 1. Core Electronic Components
The evaluation kit is designed as a carrier board that hosts the cellular module and provides various interfaces for peripheral connections.
| Component | Description |
| :--- | :--- |
| **SARA-R500S Module** | The "brain" of the kit. An LTE Cat M1 / NB1/NB2 module with built-in Secure Element. |
| **Power Management IC** | Regulates input voltage (typically 5V-12V) down to the 3.8V required by the module. |
| **USB-to-UART Bridge** | Usually based on FTDI chips, allowing a PC to communicate with the module via AT commands over USB. |
| **SIM Slot** | A standard 2FF (Mini-SIM) or 3FF (Micro-SIM) slot to provide cellular network credentials. |
| **Antenna Connectors** | SMA connectors for cellular (LTE) and often an auxiliary connector for GNSS if supported. |
---
## 2. Interface and Connectivity
The board breaks out the high-density pins of the SARA module into accessible headers and ports.
### Communication Ports
* **Main USB Port:** Used for high-speed data transfer and module firmware updates.
* **UART Interfaces:** Multiple UART headers (Main, Aux, and GNSS) for serial communication with external microcontrollers or sensors.
* **RS-232 Port:** A legacy DB9 connector for industrial testing environments.
### Monitoring & Control
* **LED Indicators:** Visual feedback for Power, Network Status (blinking patterns), and RI (Ring Indicator).
* **Reset & Power Buttons:** Physical buttons to cycle the module power or trigger a hardware reset.
* **Current Measurement Header:** A 2-pin header allowing developers to connect a multimeter or power analyzer to measure the module's power consumption in various sleep modes.
---
## 3. Technical Specifications Summary
| Feature | Specification |
| :--- | :--- |
| **Cellular Standard** | LTE Cat M1, Cat NB2 |
| **Voltage Supply** | 9V to 18V (via DC jack) or 5V (via USB) |
| **Operating Temp** | -40 °C to +85 °C |
| **Security** | Integrated u-blox UBX-R5 series chip (EAL5+ High) |
| **I/O Logic Level** | 1.8V (Standard for SARA modules) |
---
## 4. Pin Header Layout
The EVK typically includes a **40-pin header** (similar to Raspberry Pi or Arduino style) that provides access to:
* **GPIOs:** General Purpose Input/Output pins.
* **I2C / SPI:** For connecting external sensors like accelerometers or temperature probes.
* **ADC:** For reading analog voltages.
- ⤷
How do I measure the power consumption of the SARA-R500S using this EVK?
- ⤷ What software is needed to send AT commands to the EVK-R500S?
- ⤷ Can this evaluation kit be used to test GPS/GNSS functionality?