ET-8AI2-4AO2-H
AI

The **ET-8AI2-4AO2-H** is an industrial-grade Ethernet Remote I/O module, typically used in automation and process control systems. It serves as a bridge between analog field instruments and a central controller (PLC or SCADA) over a network.
---
### 1. Key Technical Specifications
The model name indicates its primary I/O configuration:
| Feature | Specification |
| :--- | :--- |
| **8AI** | 8 Analog Inputs (Differential or Single-ended) |
| **2DI** | 2 Digital Inputs (Dry/Wet Contact) |
| **4AO** | 4 Analog Outputs (Voltage or Current) |
| **2DO** | 2 Digital Outputs (Relay or Transistor) |
| **Communication** | Ethernet (Modbus TCP) |
| **Protocol** | Standard Modbus TCP/IP |
---
### 2. Core Electronic Components & Functions
#### A. Analog Input Section (8AI)
* **Resolution:** Usually 12-bit or 16-bit ADC (Analog-to-Digital Converter).
* **Input Types:** Configurable for 0-20mA, 4-20mA, 0-5V, or 0-10V.
* **Isolation:** High-voltage optical isolation to protect the internal circuitry from field surges.
#### B. Analog Output Section (4AO)
* **Control:** Uses DACs (Digital-to-Analog Converters) to generate precision signals.
* **Applications:** Controlling VFD speeds, modulating valves, or driving proportional actuators.
#### C. Digital I/O Section (2DI / 2DO)
* **Inputs:** Used for status monitoring (e.g., limit switches).
* **Outputs:** Often used for alarms or simple ON/OFF control of external relays.
#### D. Processing & Communication
* **MCU:** An embedded ARM-based microcontroller manages data conversion and logic.
* **Network Interface:** RJ45 port supporting 10/100 Mbps Ethernet.
* **Power Supply:** Usually operates on 9-36V DC industrial power.
---
### 3. Connection & Wiring Example
The module typically follows a standard terminal block layout:
```text
[ Power + ] ---- DC 24V
[ Power - ] ---- GND
[ AI_0+ ] ---- Sensor Signal (+)
[ AI_0- ] ---- Sensor Signal (-)
[ RJ45 ] ---- Ethernet Switch / PLC
```
---
### 4. Summary of Use Cases
1. **Distributed I/O:** Placing sensors far from the main PLC and transmitting data via Ethernet to save on wiring costs.
2. **Environmental Monitoring:** Collecting data from 8 different temperature/pressure sensors via the AI ports.
3. **Process Regulation:** Using the AO ports to adjust chemical dosing pumps based on real-time AI feedback.
- ⤷
What are the specific Modbus register addresses for the analog inputs?
- ⤷ Does this module support PoE (Power over Ethernet) or require external DC power?
- ⤷ How do I configure the input range between 4-20mA and 0-10V?