công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ESS32S1

  • AI
    The **ESP32-S1** (often confused with the ESP32-S2 or S3) typically refers to the original dual-core ESP32 chip or specific early module variations. However, assuming you are referring to the core architecture of the **ESP32 series** (specifically the high-performance modules), here is an explanation of the electronic components and internal blocks. --- ## 1. Core Internal Components The ESP32 is a System on a Chip (SoC). Below are the primary electronic blocks integrated into the silicon: | Component | Description | | :--- | :--- | | **Microprocessor** | Xtensa® Dual-Core 32-bit LX6 microprocessor, running up to 240 MHz. | | **SRAM/ROM** | Internal 520 KB SRAM for data and instructions; 448 KB ROM for booting. | | **Wi-Fi Radio** | 802.11 b/g/n radio (2.4 GHz) with integrated TR switch, balun, and LNA. | | **Bluetooth** | Dual-mode Bluetooth (Classic and BLE). | | **RTC Memory** | 8 KB fast/slow memory accessible during deep sleep modes. | --- ## 2. External Electronic Requirements To make an ESP32 chip functional on a PCB, specific peripheral electronic parts are required: ### A. Power Management * **Voltage Regulator (LDO):** The ESP32 operates at **3.3V**. Since USB provides 5V, a regulator (like the AMS1117-3.3) is used. * **Decoupling Capacitors:** Usually 10µF and 0.1µF capacitors are placed near the VCC pins to filter high-frequency noise. ### B. Timing and Flash * **Crystal Oscillator:** A **40 MHz crystal** is required for the internal clock and radio frequency generation. * **SPI Flash:** Most modules include an external SPI Flash chip (usually 4MB to 16MB) to store the firmware code. ### C. Boot & Reset Circuitry * **EN Button:** Pulls the Enable pin to Ground to reset the chip. * **BOOT Button:** Pulls GPIO 0 to Ground during power-up to enter "Firmware Upload" mode. --- ## 3. Peripheral Interfaces (I/O) The electronic design provides various protocols for connecting sensors and actuators: 1. **ADC/DAC:** Analog-to-Digital and Digital-to-Analog converters for processing signals. 2. **UART:** Three asynchronous serial ports for communication and debugging. 3. **PWM:** 16 independent channels for controlling LEDs or motors. 4. **Capacitive Touch:** Internal sensors for touch-sensitive pads. 5. **I2C/SPI:** Standard protocols for displays, SD cards, and complex sensors. --- ## 4. Typical Application Circuit ```cpp // Example: Basic code to blink an LED connected to GPIO 2 #define LED_PIN 2 void setup() { pinMode(LED_PIN, OUTPUT); } void loop() { digitalWrite(LED_PIN, HIGH); delay(1000); digitalWrite(LED_PIN, LOW); delay(1000); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels of ESP32 in deep sleep mode?
    • ⤷ How do I connect an external antenna to an ESP32 module?
    • ⤷ What is the difference between ESP32-S2 and ESP32-S3?