công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ESS076

  • AI
    The **ESS076** typically refers to a specialized **AC/DC Power Supply Module** or a specific electronic component kit (often associated with industrial automation or lighting control systems). In most contexts, it is identified as a high-efficiency power converter. Below is a breakdown of the electronic components and technical specifications typically found in this part. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 90V – 264V AC (Universal) | | **Output Voltage** | Typically 12V or 24V DC (Model dependent) | | **Output Current** | 3A – 6A range | | **Efficiency** | >85% | | **Protection Classes** | Short Circuit, Overload, Overvoltage | | **Cooling** | Natural Convection | --- ### 2. Core Electronic Architecture The ESS076 utilizes a **Switch Mode Power Supply (SMPS)** topology. The internal circuitry consists of the following primary sections: #### A. Input Filtering & Protection * **MOV (Metal Oxide Varistor):** Protects the device against voltage spikes and surges. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. * **Electrolytic Capacitors:** Used for "bulk" filtering to smooth the high-voltage DC. #### B. Switching Section * **PWM Controller IC:** The "brain" of the module that regulates the output by high-frequency switching. * **MOSFET:** A high-speed transistor that chops the DC voltage into high-frequency pulses to be fed into the transformer. #### C. Isolation & Transformation * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous AC input and the safe DC output, while stepping down the voltage. * **Optocoupler:** An essential component for feedback; it sends output status back to the PWM controller using light, maintaining isolation. #### D. Output Rectification * **Schottky Diodes:** Used for high-speed rectification of the high-frequency AC coming off the transformer secondary. * **LC Filter:** A combination of inductors and low-ESR capacitors to ensure a clean, ripple-free DC output. --- ### 3. Usage & Applications The ESS076 is designed for reliability in the following environments: 1. **LED Lighting:** Providing constant voltage for high-density LED strips. 2. **Industrial DIN Rail Systems:** Powering PLCs and sensors. 3. **Telecommunications:** Serving as a steady power source for networking hubs. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the ESS076 module you are referring to?
    • ⤷ Does the ESS076 support Dimming (PWM/0-10V) functionality?
    • ⤷ What are the mounting dimensions for this electronic part?