công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ESD-R-19S

  • AI
    ## Overview of the ESD-R-19S The **ESD-R-19S** is a high-performance **EMI (Electromagnetic Interference) core**, specifically a toroidal ferrite core manufactured by **KEMET**. These components are designed to suppress high-frequency noise in electronic circuits by providing inductance to noise currents while allowing desired signals to pass. --- ### 1. Technical Specifications The following table summarizes the key physical and electrical characteristics of the ESD-R-19S: | Parameter | Specification | | :--- | :--- | | **Material Type** | Manganese-Zinc (Mn-Zn) | | **Outer Diameter (OD)** | 19.0 mm | | **Inner Diameter (ID)** | 10.0 mm | | **Height (H)** | 10.0 mm | | **Frequency Range** | High Frequency (Up to 100 MHz range) | | **Operating Temperature** | -25°C to +85°C | | **Coating** | Bare (Typically unfinished grey/black ceramic) | --- ### 2. Core Functions and Applications The ESD-R-19S is primarily used as a **Common Mode Choke** or a noise filter. * **Noise Suppression:** It absorbs electromagnetic interference caused by rapid switching in power supplies or data lines. * **Signal Integrity:** It prevents "dirty" electricity from affecting sensitive analog or digital signals. * **Applications:** * Industrial automation equipment. * Consumer electronics (TVs, Audio systems). * Computer peripherals and power cables. * Air conditioning units and white goods. --- ### 3. How to Install / Use To utilize the ESD-R-19S effectively, the wire or cable must be passed through the center of the toroid. * **Single Pass:** The wire goes through once. This provides basic attenuation. * **Multiple Turns:** Looping the wire through the core multiple times (2 or 3 turns) increases the effective impedance, significantly improving noise suppression at lower frequencies. ### 4. Comparison: Mn-Zn vs. Ni-Zn The ESD-R-19S uses **Mn-Zn (Manganese-Zinc)** material. Here is how it compares to the other common ferrite type: | Material | Conductivity | Frequency Focus | | :--- | :--- | :--- | | **Mn-Zn (ESD-R-19S)** | Higher | Better for lower frequencies and high permeability needs. | | **Ni-Zn (Nickel-Zinc)** | Lower | Specialized for very high frequencies (VHF range). | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the ESD-R-19S and the ESD-R-19 (without the S suffix)?
    • ⤷ How many turns of a cable are recommended for maximum noise suppression?
    • ⤷ Can the ESD-R-19S be used for DC power lines?