ESD-R-19B
AI

The **ESD-R-19B** is a specific type of **EMI (Electromagnetic Interference) Core**, often referred to as a toroidal ferrite core. It is manufactured primarily by **KEMET** and is designed to suppress high-frequency noise in electronic circuits.
---
## 1. Technical Specifications
The ESD-R series are round, manganese-zinc (MnZn) or nickel-zinc (NiZn) ferrite cores used to prevent interference on cables.
| Parameter | Details |
| :--- | :--- |
| **Part Number** | ESD-R-19B |
| **Material Type** | Ni-Zn (Nickel-Zinc) |
| **Outer Diameter (OD)** | 19.0 mm |
| **Inner Diameter (ID)** | 9.0 mm |
| **Thickness (H)** | 8.0 mm |
| **Operating Temp** | -25°C to +85°C |
| **Primary Function** | Noise suppression / EMI filtering |
---
## 2. How it Works
The ESD-R-19B acts as a **low-pass filter**. When a cable is looped through the center of this ring, it creates an inductance.
* **Low Frequencies:** The core allows standard DC or AC power signals to pass with minimal resistance.
* **High Frequencies:** The core exhibits high impedance against high-frequency noise (EMI/RFI), converting that unwanted energy into a small amount of heat within the ferrite material.
---
## 3. Key Electronic Characteristics
### A. Impedance vs. Frequency
The effectiveness of the ESD-R-19B is measured by its impedance (Ω) at specific frequencies. Typically, Ni-Zn materials like this one are most effective in the **MHz range** (30 MHz to 300 MHz).
### B. Saturation
Because it is a ferrite core, it has a "saturation point." If the current flowing through the wire is too high, the core can no longer absorb noise effectively. However, in most signal or low-power applications, this is not an issue.
---
## 4. Common Applications
The ESD-R-19B is widely used in both consumer and industrial electronics:
1. **Power Cables:** Preventing noise from switching power supplies from leaking back into the grid.
2. **Data Lines:** Protecting sensitive signals (like USB or HDMI) from external radio frequency interference.
3. **Industrial Equipment:** Reducing electrical "noise" generated by motors or high-speed controllers.
---
## 5. Usage Code Example
While this is a physical component, engineers often model its behavior in simulation software like SPICE to see how it affects a circuit.
```spice
* Simple SPICE model for a Ferrite Bead behavior
L1 1 2 10uH * Inductance of the wire through the core
R1 1 2 100 * Frequency-dependent resistance (simplified)
C1 1 2 2pF * Parasitic capacitance
```
---
- ⤷
What is the difference between Mn-Zn and Ni-Zn ferrite materials?
- ⤷ How many turns of a wire should be used with the ESD-R-19B for maximum efficiency?
- ⤷ How do I calculate the impedance of this core at 100MHz?