ESD-R-17S
AI

The **ESD-R-17S** is a specialized electronic component categorized as an **EMI Core** or **Ferrite Core**. It is primarily used for noise suppression in electronic circuits, specifically designed to mitigate Electromagnetic Interference (EMI).
---
### 1. Technical Specifications
The ESD-R series, manufactured by KEMET, features a "Toroidal" (ring-shaped) design using Manganese-Zinc (MnZn) or Nickel-Zinc (NiZn) materials.
| Feature | Specification |
| :--- | :--- |
| **Material** | MnZn (Manganese-Zinc) |
| **Shape** | Round / Toroidal Core |
| **Inner Diameter (ID)** | ~17.0 mm |
| **Outer Diameter (OD)** | ~25.0 mm |
| **Thickness (H)** | ~12.0 mm |
| **Primary Function** | High-frequency noise absorption |
| **Operating Temp** | -25°C to +85°C |
---
### 2. How it Works
The ESD-R-17S acts as a **low-pass filter**.
- **Inductance:** When a wire is passed through the center of the ring, the ferrite material increases the inductance of the wire.
- **Impedance:** It creates high impedance against high-frequency noise while allowing the desired low-frequency signals (or DC power) to pass through unaffected.
- **Energy Conversion:** It absorbs electromagnetic interference and dissipates it as a negligible amount of heat.
---
### 3. Key Applications
This component is widely used in both consumer and industrial electronics to ensure compliance with EMC (Electromagnetic Compatibility) standards.
* **Power Cables:** Suppressing noise from switching power supplies.
* **Data Lines:** Preventing signal integrity issues in communication cables.
* **Industrial Equipment:** Protecting sensitive sensors from motor-generated noise.
* **Home Appliances:** Reducing interference in audio/visual equipment.
---
### 4. Installation Methods
The effectiveness of the ESD-R-17S depends on how the wire is routed:
1. **Single Pass:** The cable goes straight through the hole.
2. **Multiple Turns:** Winding the cable around the core multiple times. This exponentially increases the impedance, making it more effective at lower frequencies.
---
- ⤷
What is the difference between MnZn and NiZn ferrite materials?
- ⤷ How do I calculate the required number of turns for noise suppression?
- ⤷ Does the ESD-R-17S provide protection against ESD (Electrostatic Discharge) spikes?