ESD-R-15C
AI

## Overview of the ESD-R-15C
The **ESD-R-15C** is a high-performance **EMI Core** (Toroidal Ferrite Core) manufactured by KEMET. It is designed specifically for noise suppression in electronic circuits, particularly to prevent Electromagnetic Interference (EMI) and provide high-frequency filtering.
---
### 1. Key Technical Specifications
The core is made of **Manganese Zinc (MnZn)** or **Nickel Zinc (NiZn)** materials (depending on the specific series variant, typically NiZn for the "R" series) to handle different frequency ranges.
| Feature | Specification |
| :--- | :--- |
| **Material** | NiZn (Nickel-Zinc) |
| **Shape** | Round / Toroidal |
| **Outer Diameter (OD)** | 15.0 mm |
| **Inner Diameter (ID)** | 10.0 mm |
| **Thickness (H)** | 13.0 mm |
| **Type** | Solid Core |
| **Frequency Range** | High frequency (FM band to MHz range) |
---
### 2. Functional Purpose
The ESD-R-15C acts as a passive low-pass filter when a cable or wire is passed through it.
* **Common Mode Choke:** It suppresses noise that is common to both the positive and negative lines of a circuit.
* **Inductive Reactance:** It provides high impedance at high frequencies, converting noise energy into a small amount of heat, while allowing low-frequency signals to pass through unaffected.
* **ESD Protection:** While primarily an EMI core, it helps stabilize lines against Electrostatic Discharge (ESD) transients that contain high-frequency components.
---
### 3. Application Use Cases
This component is widely used in both consumer and industrial electronics to ensure compliance with EMC (Electromagnetic Compatibility) standards.
* **Internal Wiring:** Used inside devices like televisions, PCs, and printers to prevent internal noise from escaping.
* **Power Supplies:** Placed on DC output cables to smooth out switching noise.
* **Data Lines:** Applied to signal cables to prevent data corruption from external radio frequency interference.
* **Audio Equipment:** To eliminate "hiss" or high-frequency interference in sound systems.
---
### 4. Installation Guidelines
To maximize the effectiveness of the ESD-R-15C, follow these implementation rules:
1. **Proximity:** Place the core as close to the noise source or the entry point of the device as possible.
2. **Turns:** Increasing the number of turns (looping the wire through the core multiple times) increases the impedance.
* *Formula:* $Impedance \propto (\text{Number of turns})^2$
3. **Cable Fit:** Ensure the wire fits snugly within the 10mm inner diameter to minimize leakage flux.
---
- ⤷How does the impedance of the ESD-R-15C change when increasing the number of wire turns?
- ⤷ What is the difference between MnZn and NiZn ferrite materials in EMI suppression?
- ⤷ Can the ESD-R-15C be used for high-voltage power lines?