ESD-R-12E
AI

### Overview of the ESD-R-12E
The **ESD-R-12E** is a specific type of **EMI (Electromagnetic Interference) core** or toroidal ferrite core manufactured by **KEMET**. Unlike active electronic components (like transistors), this is a passive component designed to suppress high-frequency noise in electrical circuits.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material Type** | Manganese-Zinc (Mn-Zn) |
| **Shape** | Round / Toroidal (Ring) |
| **Outer Diameter (OD)** | 14.3 mm |
| **Inner Diameter (ID)** | 8.0 mm |
| **Thickness (H)** | 6.0 mm |
| **Operating Temperature** | -25°C to +85°C |
| **Primary Function** | EMI/RFI Suppression |
---
### 2. Physical Composition
The ESD-R-12E is made from **ferrite**, a ceramic-like material with high magnetic permeability but low electrical conductivity.
* **Mn-Zn Material:** This specific chemical composition is optimized for suppressing noise in the lower frequency ranges (typically below 10 MHz to 30 MHz).
* **Coating:** These cores are often bare or have a thin protective coating to prevent the ferrite from chipping.
---
### 3. How It Works
The ESD-R-12E acts as a **Common Mode Choke** when a cable is passed through its center.
1. **Impedance:** It introduces high impedance to high-frequency signals (noise) while allowing low-frequency power or data signals to pass.
2. **Heat Dissipation:** It converts the energy from electromagnetic interference into a tiny amount of heat, effectively filtering the noise out of the line.
3. **Application:** It is commonly used by wrapping a power cord or data cable through the ring 1 or more times.
---
### 4. Common Applications
* **Consumer Electronics:** Suppressing noise in power bricks for laptops.
* **Industrial Equipment:** Protecting sensitive sensors from motor noise.
* **Audio/Video:** Reducing "hum" or static caused by radio frequency interference.
* **Medical Devices:** Ensuring signal integrity in diagnostic cables.
---
### 5. Implementation Example
If you are designing a PCB or a cable assembly, you would use the ESD-R-12E as follows:
```text
Cable Source ----> [ (ESD-R-12E Core) ] ----> Device Input
^-- Cable passes through the center hole
```
- ⤷
What is the difference between Mn-Zn and Ni-Zn ferrite cores?
- ⤷ How many turns of a wire are recommended for the ESD-R-12E?
- ⤷ Does this component require a specific mounting bracket?