ESD-R-12D
AI

The **ESD-R-12D** is a specific type of **EMI (Electromagnetic Interference) Core** or **Toroidal Ferrite Core** designed by KEMET. It is part of the ESD-R series, primarily used to suppress high-frequency noise in electronic circuits.
---
### 1. Key Technical Specifications
The "12D" designation typically refers to the physical dimensions and material composition.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Material** | Manganese-Zinc (Mn-Zn) or Nickel-Zinc (Ni-Zn) |
| **Outer Diameter (A)** | 14.3 mm - 15.0 mm |
| **Inner Diameter (B)** | 7.5 mm - 8.2 mm |
| **Thickness (C)** | 7.5 mm - 8.5 mm |
| **Operating Temperature** | -25°C to +85°C |
| **Shape** | Round (Toroidal) |
### 2. Primary Functions
The ESD-R-12D serves three main purposes in an electronic assembly:
* **EMI Suppression:** It absorbs high-frequency noise (electromagnetic interference) and converts it into a tiny amount of heat, preventing the noise from affecting other components.
* **Common Mode Choke:** When a cable is looped through the core, it acts as a filter for common-mode noise while allowing the desired signal to pass.
* **ESD Protection:** While its primary role is EMI filtering, it provides a secondary layer of protection against Electrostatic Discharge (ESD) transients by increasing the impedance of the line.
### 3. Application Areas
These cores are commonly found in:
1. **Consumer Electronics:** Power cords for laptops, gaming consoles, and TVs.
2. **Industrial Equipment:** Control cables and sensor wiring prone to electrical noise.
3. **Medical Devices:** Protecting sensitive diagnostic equipment from external interference.
4. **Automotive:** Managing noise in infotainment and electronic control units (ECU).
### 4. Installation Method
The ESD-R-12D is a **solid core**, meaning it is not a "snap-on" type.
* **Installation:** The wire or cable must be threaded through the center of the ring during the manufacturing or assembly process.
* **Performance Tip:** Winding the wire through the core multiple times (creating "turns") increases the impedance and filtering effectiveness exponentially.
---
- ⤷
What is the difference between Mn-Zn and Ni-Zn ferrite materials?
- ⤷ How do I calculate the required number of turns for an ESD-R-12D core?
- ⤷ Are there snap-on alternatives to the ESD-R-12D for existing cables?