ESD-R-10S
AI

## Understanding the ESD-R-10S EMI Core
The **ESD-R-10S** is a specialized electronic component categorized as a **Toroidal EMI Core** (Ferrite Core). It is primarily manufactured by **KEMET** and is designed to suppress high-frequency noise in electronic circuits.
---
### 1. Technical Specifications
The ESD-R series features a round, solid ferrite shape designed for cable shielding and interference reduction.
| Feature | Specification |
| :--- | :--- |
| **Material** | Manganese Zinc (MnZn) |
| **Shape** | Toroidal (Round / Donut) |
| **Outer Diameter (OD)** | 10.0 mm |
| **Inner Diameter (ID)** | 5.0 mm |
| **Height (H)** | 5.0 mm |
| **Operating Temperature** | -25°C to +85°C |
| **Frequency Range** | High frequency (FM band range) |
---
### 2. How it Functions
The ESD-R-10S acts as a **passive low-pass filter**. When a wire is looped through the center of the core:
* **Inductance:** It increases the impedance of the wire at high frequencies.
* **Noise Absorption:** It converts high-frequency electromagnetic interference (EMI) into a small amount of heat, effectively "cleaning" the signal.
* **Non-Destructive:** Unlike a fuse, it does not break the circuit; it simply resists the flow of unwanted noise.
---
### 3. Key Applications
This specific part size is commonly found in compact electronic assemblies where space is limited.
1. **Consumer Electronics:** Used in power cables for laptops, printers, and gaming consoles to prevent radio frequency interference (RFI).
2. **Industrial Equipment:** Protecting sensitive sensor data lines from motor noise.
3. **Medical Devices:** Ensuring that communication lines are not disrupted by surrounding imaging equipment.
4. **Automotive:** Suppressing noise in infotainment and ECU communication systems.
---
### 4. Implementation Example
To use the ESD-R-10S, a designer typically threads a signal or power wire through the hole. For increased effectiveness, the wire can be looped multiple times.
```text
Effectiveness vs. Turns:
- 1 Turn: Standard noise suppression.
- 2 Turns: Impedance increases by approximately 4x (Square of the turns).
- 3 Turns: Maximum suppression for low-frequency noise components.
```
---
- ⤷
What is the difference between MnZn and NiZn ferrite materials in the ESD-R series?
- ⤷ How do I calculate the required impedance for an EMI core in my circuit?
- ⤷ Can the ESD-R-10S be used for ESD protection as its name suggests?