ES1DG-SMA-R
AI

The **ES1DG-SMA-R** is a high-efficiency, surface-mount **Super Fast Recovery Rectifier** diode. It is commonly used in power management circuits where high-speed switching and low power loss are critical.
---
### ## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the ES1DG-SMA-R:
| Parameter | Specification |
| :--- | :--- |
| **Diode Type** | Super Fast Recovery Rectifier |
| **Continuous Forward Current ($I_{F}$)** | 1.0 Ampere |
| **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 200 Volts |
| **Reverse Recovery Time ($t_{rr}$)** | < 35 Nanoseconds (ns) |
| **Forward Voltage Drop ($V_{F}$)** | ~0.95V @ 1.0A |
| **Operating Temperature Range** | -55°C to +150°C |
| **Package Type** | SMA (DO-214AC) |
---
### ## 2. Key Features and Benefits
* **Ultrafast Switching:** The recovery time ($t_{rr}$) of 35ns minimizes switching losses, making it ideal for high-frequency applications.
* **Low Forward Voltage:** Reduces power dissipation during the conduction phase, improving overall system efficiency.
* **SMA Package:** The "SMA" designation indicates a low-profile, surface-mount package that saves PCB space and is compatible with automated assembly.
* **Glass Passivated Junction:** Enhances reliability and stability over time and temperature fluctuations.
---
### ## 3. Typical Applications
The ES1DG-SMA-R is designed for rectification and freewheeling in various electronic environments:
1. **SMPS (Switched-Mode Power Supplies):** Used in the output rectification stage.
2. **DC-DC Converters:** Acts as a catch diode or polarity protection.
3. **Inverters:** Used in high-frequency conversion circuits.
4. **Freewheeling Diode:** Protects circuits from inductive voltage spikes in motors or relay drivers.
---
### ## 4. Part Number Breakdown
While naming conventions vary slightly by manufacturer (e.g., ON Semi, Taiwan Semi, Diodes Inc.), the code usually follows this logic:
* **ES1**: Series designation (Super Fast Rectifier, 1 Amp).
* **D**: Voltage rating code (D typically signifies 200V).
* **G**: Glass Passivated version.
* **SMA**: Package type (DO-214AC).
* **R**: Generally indicates "Tape and Reel" packaging for manufacturing.
- ⤷
What is the difference between a Standard Recovery and a Super Fast Recovery diode like the ES1D?
- ⤷ How does temperature affect the forward voltage drop of the ES1DG-SMA-R?
- ⤷ Can this diode be used in AC to DC bridge rectifier circuits?