ES1DG-CA2-R
AI

### Overview of ES1DG-CA2-R
The **ES1DG-CA2-R** is a specific part number belonging to a series of **Surface Mount Ultra-Fast Recovery Rectifiers**. These diodes are designed for high-frequency rectification and freewheeling applications where switching losses must be minimized.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Ultra-Fast Recovery Rectifier Diode |
| **Max Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 200 V |
| **Average Forward Current ($I_{F(AV)}$)** | 1.0 A |
| **Max Reverse Recovery Time ($t_{rr}$)** | 35 ns |
| **Max Forward Voltage Drop ($V_F$)** | 0.92 V @ 1A |
| **Peak Forward Surge Current ($I_{FSM}$)** | 30 A |
| **Operating Temperature Range** | -55°C to +150°C |
| **Package Type** | SMA (DO-214AC) |
---
### Component Breakdown
#### 1. Ultra-Fast Recovery Time
The most critical feature of this part is its **35ns recovery time**. This allows the diode to switch from a conducting state to a non-conducting state extremely quickly, which reduces power dissipation and heat during high-speed switching operations.
#### 2. Package: SMA (DO-214AC)
The "SMA" package is a low-profile, surface-mount plastic package. It is ideal for automated placement and is widely used in compact consumer electronics.
#### 3. Glass Passivated Junction
The "G" in the part number often signifies a **Glass Passivated Chip Junction**. This manufacturing process involves coating the silicon junction with a layer of glass to improve reliability, reduce leakage current, and enhance resistance against environmental moisture.
---
### Typical Applications
* **DC-DC Converters:** Used as a boost or buck diode in power supplies.
* **Inverters:** High-frequency rectification in solar or motor control.
* **Polarity Protection:** Protecting circuits from reverse battery connection while maintaining low voltage drop.
* **Freewheeling:** Suppressing voltage spikes in inductive loads (relays, motors).
---
### Equivalent Parts / Cross Reference
If you cannot find the specific "CA2-R" suffix (which often refers to specific reel sizes or manufacturer-specific internal codes), you can look for these industry standards:
* **ES1D** (Standard Series)
* **MUR120** (Through-hole equivalent)
* **US1D** (Ultra-fast series variant)
- ⤷
What is the difference between a standard rectifier and an ultra-fast recovery diode like the ES1D?
- ⤷ Can the ES1DG be used in automotive applications?
- ⤷ What does the CA2-R suffix specifically indicate regarding packaging?