ES1CG-SMA-R
AI

The **ES1CG-SMA-R** is a high-efficiency, surface-mount **Super Fast Recovery Rectifier** diode. It is commonly used in power management circuits where high-speed switching and low power loss are critical.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the ES1CG:
| Parameter | Specification |
| :--- | :--- |
| **Diode Type** | Super Fast Recovery Rectifier |
| **Package Type** | SMA (DO-214AC) |
| **Max. Repetitive Reverse Voltage ($V_{RRM}$)** | 150V |
| **Max. Average Forward Current ($I_{F(AV)}$)** | 1.0 Amp |
| **Max. Forward Voltage Drop ($V_F$)** | 0.95V @ 1.0A |
| **Reverse Recovery Time ($t_{rr}$)** | 35 ns (Nanoseconds) |
| **Operating Temperature Range** | -55°C to +150°C |
---
### 2. Breakdown of the Part Name
The nomenclature typically follows industry standards for surface mount diodes:
* **ES1**: Series identifier (Super Fast Efficient Rectifier, 1 Amp).
* **C**: Voltage rating code (C usually denotes 150V).
* **G**: Often indicates "Glass Passivated" chip junction for increased reliability.
* **SMA**: Refers to the physical package size (Small Module Type A).
* **R**: Generally indicates the tape and reel packaging format.
---
### 3. Features and Applications
#### Features
* **Ultra-Fast Switching:** The 35ns recovery time minimizes switching losses in high-frequency applications.
* **Glass Passivated Junction:** Provides high reliability and stability against environmental factors.
* **Low Profile:** The SMA package is ideal for automated surface mount assembly on dense PCBs.
#### Typical Applications
1. **Switching Mode Power Supplies (SMPS):** Used for output rectification.
2. **DC-DC Converters:** Acts as a freewheeling diode.
3. **Inverters:** Manages high-speed polarity switching.
4. **Reverse Polarity Protection:** Protects sensitive DC circuits from incorrect battery insertion.
---
### 4. Circuit Symbol and Footprint
The component follows the standard diode schematic symbol:
```text
Anode (A) --------|>|-------- Cathode (K)
(Direction of Current)
```
*Note: On the physical SMA package, a band/stripe indicates the **Cathode** side.*
---
- ⤷What is the difference between a Fast Recovery and a Super Fast Recovery diode?
- ⤷ Can the ES1CG be used in AC to DC bridge rectifiers?
- ⤷ What are the thermal considerations when using the SMA package at 1 Amp?