công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ES1CG-CA2-R

  • AI
    The **ES1CG-CA2-R** is a high-performance, surface-mount (SMD) Ultra Fast Recovery Rectifier Diode. It is commonly used in power management circuits where high efficiency and rapid switching are critical. --- ### ## Technical Specifications Below are the primary electrical characteristics for the ES1CG-CA2-R: | Parameter | Specification | | :--- | :--- | | **Diode Type** | Ultra Fast Recovery Rectifier | | **Package / Case** | SMA (DO-214AC) | | **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 400V | | **Average Rectified Forward Current ($I_{F(AV)}$)** | 1.0 Amp | | **Maximum Reverse Recovery Time ($t_{rr}$)** | 35ns | | **Forward Voltage Drop ($V_F$)** | 1.25V @ 1.0A | | **Operating Junction Temperature** | -55°C to +150°C | --- ### ## Key Features and Construction 1. **Ultra-Fast Switching**: With a recovery time ($t_{rr}$) of only 35 nanoseconds, this diode minimizes switching losses, making it ideal for high-frequency applications. 2. **Glass Passivated Chip Junction**: The "G" in the part number usually signifies a glass-passivated structure, which enhances reliability and stability against environmental factors. 3. **Low Profile Package**: The SMA (DO-214AC) housing is designed for automated surface mount assembly, saving space on high-density PCBs. 4. **High Surge Capability**: Designed to handle brief spikes in current without failing. --- ### ## Common Applications The ES1CG-CA2-R is typically found in the following electronic environments: * **Switching Mode Power Supplies (SMPS)**: Used as an output rectifier to convert AC to DC with minimal heat loss. * **Inverters**: Employed in DC-to-AC conversion for solar or UPS systems. * **Freewheeling Diode**: Used to protect circuits from inductive "kickback" in motor controllers or relay drivers. * **DC-DC Converters**: High-speed switching for voltage regulation in consumer electronics. --- ### ## Pinout Configuration The component is a two-terminal device: * **Cathode (K)**: Marked by a distinct band on the body of the SMD package. * **Anode (A)**: The unmarked side.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 35ns recovery time in high-frequency circuits?
    • ⤷ How does the glass passivation improve the diode's lifespan?
    • ⤷ Are there equivalent diodes with a higher current rating than 1A?