công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ES1BL-CA2-R

  • AI
    The **ES1BL-CA2-R** is a high-efficiency, surface-mount electronic component, specifically a **Super Fast Recovery Rectifier Diode**. It is commonly used in power management circuits where high speed and low power loss are critical. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the ES1BL-CA2-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Super Fast Recovery Rectifier | | **Continuous Forward Current ($I_F$)** | 1.0 Ampere | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 100 Volts | | **Maximum Forward Voltage ($V_F$)** | ~0.95V @ 1.0A | | **Reverse Recovery Time ($t_{rr}$)** | < 35 Nanoseconds | | **Operating Temperature Range** | -55°C to +150°C | | **Package Type** | SOD-123FL (Small Outline Diode) | --- ### 2. Functional Characteristics * **Super Fast Switching:** With a recovery time ($t_{rr}$) of less than 35ns, this diode minimizes switching losses, making it ideal for high-frequency applications. * **Low Profile Package:** The "CA2" and "R" suffixes often denote the packaging style (SOD-123FL) and the "Tape and Reel" packing method. This package is space-saving and suitable for automated SMT (Surface Mount Technology) assembly. * **Glass Passivated Chip Junction:** This construction ensures high reliability and stability under high-temperature conditions. * **Polarity:** As a diode, it allows current to flow in one direction (Anode to Cathode). The cathode is typically marked with a band on the body. --- ### 3. Common Applications The ES1BL-CA2-R is typically found in the following circuits: 1. **SMPS (Switching Mode Power Supplies):** Used for rectification in the secondary stage. 2. **DC-DC Converters:** Acts as a freewheeling diode to protect transistors from voltage spikes. 3. **Inverters:** High-speed switching allows for efficient DC to AC conversion. 4. **Reverse Polarity Protection:** Protects sensitive DC electronics from incorrect battery or power supply orientation. --- ### 4. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **ES1** | Series identifier (Super Fast Recovery, 1 Amp) | | **B** | Voltage Code (B usually represents 100V in this series) | | **L** | Low Profile / Package variant indicator | | **CA2-R** | Manufacturer specific internal code / Tape & Reel packing |
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a Standard Recovery and a Super Fast Recovery diode like the ES1BL?
    • ⤷ Can the ES1BL-CA2-R be used in automotive applications requiring AEC-Q101 qualification?
    • ⤷ How does the SOD-123FL package compare to the SMA package in terms of heat dissipation?