AI

The **ENC1D-C16-R00050L** is a precision optical rotary encoder manufactured by **Bourns**. It is part of the EN series, designed for applications requiring high reliability and a long cycle life compared to mechanical contact encoders.
---
## 1. Technical Specifications
The part number encodes specific characteristics of the device. Below is a breakdown of its technical profile:
| Feature | Specification |
| :--- | :--- |
| **Encoder Type** | Optical (Non-contacting) |
| **Output Type** | 2-bit Quadrature (Incremental) |
| **Resolution** | 50 Pulses Per Revolution (PPR) |
| **Terminal Configuration** | PC Pin (Rear Exit) |
| **Shaft Style** | Round, 1/4" Diameter |
| **Bushing** | 3/8" Threaded |
| **Operating Voltage** | 5.0 VDC |
| **Rotational Life** | Up to 10,000,000 cycles |
---
## 2. Key Internal Components
The "Electronic Parts" within this assembly allow it to convert mechanical rotation into digital pulses:
### A. Infrared (IR) LED
The light source inside the encoder. Because it uses light rather than physical metal wipers, there is no "contact bounce," and the component lasts significantly longer than a standard potentiometer or mechanical encoder.
### B. Photodetector Array
A sensor that receives the light from the LED. As the internal disk spins, it interrupts the light beam, causing the photodetector to toggle between high and low states.
### C. Signal Processing Circuitry
The internal board contains a Schmidt trigger or similar logic to square the waves, providing a clean **Quadrature Output** (Channel A and Channel B). By comparing the phase of A and B, a microcontroller can determine both the **speed** and **direction** of rotation.
---
## 3. Pinout Configuration
The device typically features 4 to 5 pins. For the **ENC1D** series, the standard layout is:
1. **VCC:** Power Supply (typically 5V).
2. **GND:** Ground.
3. **Channel A:** Pulse output.
4. **Channel B:** Pulse output (90° out of phase with A).
5. **Index (Optional):** Some models include a "Z" channel for a zero-point reference.
---
## 4. Application Use Cases
Due to its high durability and optical precision, it is commonly found in:
* **Medical Equipment:** High-end diagnostic interfaces.
* **Audio/Video:** Precision volume or scrub wheels for editing consoles.
* **Industrial Controls:** Parameter adjustment for CNC or automated machinery.
* **Test & Measurement:** Calibration dials for oscilloscopes and signal generators.
- ⤷
How do I interface this encoder with an Arduino or microcontroller?
- ⤷ What is the difference between this optical encoder and a mechanical one like the PEC11R?
- ⤷ Does this model support a momentary push-switch function?