EMMT-AS-60-S-HS-RMB
AI

The **EMMT-AS-60-S-HS-RMB** is a high-performance AC synchronous servo motor manufactured by **Festo**. It is designed for precise positioning tasks and dynamic motion control.
---
### 1. Technical Specifications Overview
The model name follows a specific nomenclature that defines its electronic and mechanical properties:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Flange Size** | 60 mm | Compact square flange size for standard mounting. |
| **Motor Length** | S (Short) | Compact stack length for tight spaces. |
| **Winding Type** | HS (High Speed) | Optimized for higher RPM with lower torque constants. |
| **Feedback System** | RM | Absolute encoder, multi-turn, EnDat 2.2 protocol. |
| **Brake** | B | Integrated 24V DC holding brake. |
---
### 2. Key Electronic Components
#### A. The Multi-turn Absolute Encoder (RM)
This is the "brain" of the motor's feedback loop.
* **Protocol:** Uses **EnDat 2.2**, a high-speed digital interface.
* **Function:** It tracks the exact position of the rotor within a single turn and counts the number of full rotations (multi-turn).
* **Benefit:** No homing run is required upon power-up because the motor "remembers" its position even when disconnected from power.
#### B. The Motor Windings (HS - High Speed)
The internal copper windings are configured to handle specific voltage and current frequencies.
* **Brushless Design:** Uses electronic commutation rather than mechanical brushes, reducing electrical noise and wear.
* **Thermal Protection:** Includes an integrated temperature sensor (usually a PTC or digital sensor) connected to the encoder line to prevent winding burnout by signaling the drive to shut down if overheating occurs.
#### C. Integrated Holding Brake (B)
* **Voltage:** Operates on **24V DC**.
* **Logic:** It is a "fail-safe" brake. When power is applied, the brake releases; when power is cut (or E-stopped), the brake engages via spring force to hold the load in place.
---
### 3. Connection System: OCP (One Cable Plug)
One of the most significant electronic features of the EMMT-AS series is the **Single Cable Technology**.
* **Hybrid Cable:** Power for the motor phases, power for the brake, and the digital encoder signals are all transmitted through a single hybrid cable.
* **Benefits:**
1. Reduces wiring complexity.
2. Minimizes electromagnetic interference (EMI) issues through specialized shielding within the single jacket.
3. Space-saving at the motor housing.
---
### 4. Electrical Operating Data (Approximate)
* **Nominal Voltage:** 325V - 560V DC (depending on the controller link).
* **Insulation Class:** Class F (up to 155°C).
* **Protection Class:** IP67 (for the housing and plug connection).
- ⤷
What are the compatible servo drives for the EMMT-AS series?
- ⤷ How does the EnDat 2.2 protocol differ from standard incremental encoders?
- ⤷ What is the holding torque capacity of the integrated 24V brake?