AI

The **EMMT-AS-60-L-HS-RMB** is a high-performance AC synchronous servo motor manufactured by **Festo**. It is designed for precise motion control applications, characterized by its "brushless" design and integrated electronic feedback systems.
---
### 1. Key Technical Specifications
The following table outlines the primary electronic and electromechanical properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Motor Type** | AC Synchronous Servo Motor |
| **Flange Size** | 60 mm |
| **Nominal Voltage** | 325 V DC (usually driven by 230V AC drives) |
| **Nominal Torque** | ~ 2.1 Nm (varies by thermal conditions) |
| **Peak Torque** | ~ 6.5 Nm |
| **Max. Speed** | 6,000 RPM |
| **Feedback System** | Absolute Encoder (Multi-turn) |
| **Encoder Interface** | Hiperface DSL (Digital Single Cable) |
| **Protection Class** | IP65 (housing and connection) |
---
### 2. Electronic Components & Features
#### A. The Multi-turn Absolute Encoder (RMB)
The **"RMB"** suffix indicates the specific feedback electronics:
* **Absolute Sensing:** Unlike incremental encoders, this motor "remembers" its exact position even after a power failure.
* **Multi-turn:** It tracks the number of full rotations (usually up to 4096 turns), eliminating the need for a homing sequence or limit switches upon startup.
* **Digital Communication:** It uses a high-speed serial protocol to transmit position data to the motor controller.
#### B. Single-Cable Technology (Hiperface DSL)
This motor utilizes a modern electronic connection scheme:
* **Integration:** Power, encoder signals, and brake control are combined into one single hybrid cable.
* **Noise Immunity:** The digital feedback is less susceptible to electromagnetic interference (EMI) compared to older analog resolvers.
* **Electronic Rating Plate:** The motor contains a chip that stores its parameters (current limits, torque constants). When connected to a Festo CMMT drive, the drive automatically reads these settings.
#### C. Winding & Magnetics
* **Neodymium Magnets:** High-energy permanent magnets on the rotor allow for a compact size with very high power density.
* **Electronic Commutation:** Since there are no brushes, the switching of the phases (U, V, W) is handled electronically by the external Servo Drive (e.g., Festo CMMT-AS).
#### D. Integrated Holding Brake
The **"B"** in the part number indicates an integrated electronic holding brake:
* **Function:** It is a spring-loaded brake that engages when power is removed (fail-safe).
* **Control:** It is controlled via the 24V DC signal integrated into the motor cable.
---
### 3. Connection Pinout Logic
The EMMT-AS series typically uses an M12 or M23 hybrid connector. Internally, the electronics are mapped as follows:
```yaml
Pin Group:
Power: U, V, W, PE (Earth)
Signals:
- Data+ / Data- (Encoder communication)
- Brake+ / Brake- (24V DC control)
```
- ⤷
What are the compatible servo drives for the EMMT-AS-60?
- ⤷ How does the Hiperface DSL technology reduce wiring costs?
- ⤷ What is the difference between the 'HS' and 'LS' speed variants in this series?