EMMT-AS-150-LK-HT-R2M
AI

The **EMMT-AS-150-LK-HT-R2M** is a high-performance AC synchronous servo motor manufactured by **Festo**. It is designed for precise positioning and dynamic movement in industrial automation.
---
### 1. Key Technical Specifications
The part number provides a coded description of its electronic and mechanical capabilities:
| Feature | Specification |
| :--- | :--- |
| **Motor Type** | AC Synchronous Servo Motor |
| **Flange Size** | 150 mm |
| **Feedback System** | Absolute Encoder, Multi-turn (R2) |
| **Connection Technology** | M23 Hybrid Plug (Single Cable Solution) |
| **Protection Class** | IP67 (Housing and Plug Connection) |
| **Nominal Torque** | ~ 25 Nm to 35 Nm (Depending on drive configuration) |
| **Peak Torque** | Significant headroom for high acceleration |
---
### 2. Electronic Components & Features
#### A. Feedback System (Digital Encoder)
The **"R2"** designation indicates a high-resolution **Multi-turn Absolute Encoder**.
* **Electronic Memory:** It stores position data even when the power is disconnected, eliminating the need for a "homing" run upon startup.
* **Digital Interface:** Likely uses a modern protocol (like Hiperface DSL or EnDat) to transmit position, speed, and temperature data over the same cable as the power.
#### B. Single Cable Technology (Hybrid Connection)
The **"M"** in the suffix refers to the Single Cable solution using an **M23 Hybrid connector**.
* **Integration:** Power for the motor phases, the 24V holding brake (if equipped), and the digital encoder signals are all carried in one shielded cable.
* **EMC Protection:** The motor electronics are designed to minimize Electromagnetic Interference (EMI) through advanced shielding within the hybrid connector.
#### C. Thermal Management
The **"HT"** designation often refers to High Torque or specific thermal characteristics.
* **NTC/PTC Sensors:** Internally, the motor contains temperature sensors integrated into the windings. These sensors send real-time data to the motor controller (Servo Drive) to prevent overheating and thermal damage.
#### D. Winding & Magnetics
* **Permanent Magnets:** Uses high-energy rare-earth magnets on the rotor for high power density.
* **Low Cogging:** The electronic design of the stator slots is optimized to reduce "cogging torque," ensuring smooth rotation even at very low speeds.
---
### 3. System Integration
This motor is typically paired with the **Festo CMMT-AS** series servo drives. The electronic "Electronic Rating Plate" within the motor allows the drive to automatically identify the motor parameters (plug-and-work).
---
- ⤷
What are the wiring requirements for the M23 hybrid single-cable solution?
- ⤷ How does the multi-turn absolute encoder differ from an incremental encoder in this model?
- ⤷ What are the compatible servo drives for the EMMT-AS-150 series?