công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • EM3595-RTR

  • AI
    ## Overview of the EM3595-RTR The **EM3595-RTR** is a high-performance, Zigbee-based System-on-Chip (SoC) developed by Silicon Labs. It belongs to the **EmberZNet** family, designed specifically for the Internet of Things (IoT), smart energy, and home automation applications. --- ### 1. Core Technical Specifications The device combines a 2.4 GHz transceiver with a powerful microprocessor and various peripherals. | Feature | Specification | | :--- | :--- | | **Microcontroller** | 32-bit ARM® Cortex®-M3 | | **Flash Memory** | 512 KB | | **RAM** | 32 KB | | **Radio Protocol** | IEEE 802.15.4 (Zigbee / Thread) | | **Frequency Band** | 2.4 GHz ISM Band | | **Data Rate** | 250 kbps | | **Operating Voltage** | 2.1V to 3.6V | --- ### 2. Key Electronic Components #### A. The Radio Transceiver The EM3595 features a highly integrated radio that minimizes the need for external components. * **Integrated PA/LNA:** It includes a Power Amplifier (PA) for transmission and a Low Noise Amplifier (LNA) for reception, improving link budget and range. * **RF Hardware:** It utilizes a fractional-N synthesizer for frequency agility and interference avoidance. #### B. The Processor Engine (Cortex-M3) Unlike simpler 8-bit controllers, the ARM Cortex-M3 allows the EM3595 to: * Handle complex networking stacks (Zigbee Pro). * Run application-level code simultaneously without performance lags. * Manage advanced power-saving modes (Sleep, Deep Sleep). #### C. Peripheral Interfaces To interact with other electronic parts on a PCB, the EM3595-RTR includes: * **UART/SPI/I2C:** For communication with sensors or external MCUs. * **ADC:** A 12-bit Analog-to-Digital Converter for reading sensor data. * **GPIOs:** Multiple General Purpose Input/Output pins for controlling LEDs, switches, or relays. * **Timers:** Integrated hardware timers for PWM and precise event scheduling. --- ### 3. "RTR" Suffix Meaning In the context of Silicon Labs part numbers, the **-RTR** suffix typically refers to the packaging and delivery format: * **R:** Indicates the device is supplied in **Tape and Reel** (for automated pick-and-place assembly). * **TR:** Confirms the specific reel size or standard for high-volume manufacturing. --- ### 4. Typical Application Circuit When designing with the EM3595, the following external components are usually required: ```mermaid graph LR A[Antenna] --- B[Balun/Filter] B --- C[EM3595 SoC] D[24MHz Crystal] --- C E[32.768kHz Crystal] --- C F[Decoupling Capacitors] --- C C --- G[Sensors/Actuators] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the EM3595 and the newer EFR32 series?
    • ⤷ What are the power consumption levels in deep-sleep mode for this chip?
    • ⤷ Which software development kits (SDKs) are compatible with the EM3595?