công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • EM346-RTR

  • AI
    The **EM346-RTR** is a specialized electronic module primarily used in smart metering and industrial communication, specifically as an **M-Bus to Wireless M-Bus converter (Bridge/Repeater)**. It is designed to integrate traditional wired M-Bus meters into wireless AMR (Automated Meter Reading) systems. --- ### Core Electronic Components and Specifications | Component Type | Description | Technical Details | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Low-power 32-bit RISC processor | Handles protocol conversion and encryption (AES-128). | | **RF Transceiver** | Sub-GHz Wireless Module | Operates on 868 MHz (standard) or 433 MHz frequencies. | | **M-Bus Interface** | Wired physical layer | Supports connection to standard M-Bus slave devices. | | **Power Supply** | AC/DC Internal Converter | Typically supports 100-240V AC or 12-24V DC inputs. | | **Antenna** | Internal or External SMA | Used for transmitting data over the "Wireless M-Bus" protocol. | --- ### Functional Block Overview The EM346-RTR functions through three main electronic stages: 1. **The Wired Interface (Master):** The electronic circuitry acts as an M-Bus Master. It provides power to the connected bus and reads data from connected heat, water, or gas meters via a two-wire interface. 2. **The Processing Unit:** The MCU extracts data frames from the wired protocol and re-packages them into **Wireless M-Bus (wM-Bus)** frames. It manages the timing of requests to ensure collision-free transmission. 3. **The Wireless Transmitter (RTR - Router/Repeater):** Equipped with a high-sensitivity radio, it broadcasts the collected data. In **Repeater mode**, it can also receive wireless signals from distant meters and re-transmit them at higher power to extend the network range. --- ### Key Technical Characteristics * **Supported Modes:** S, T, and C modes (as per EN 13757-4). * **Capacity:** Typically supports up to 50-64 wired M-Bus devices depending on the specific hardware revision. * **Security:** Features hardware-accelerated encryption to ensure data privacy during wireless transmission. * **Housing:** Usually DIN-rail mountable for industrial electrical cabinets. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum range of the wireless transmission for the EM346-RTR?
    • ⤷ How many wired M-Bus devices can be connected to a single EM346-RTR unit?
    • ⤷ Does this module support AES-128 encryption for data security?