công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • EFL1608-R33

  • AI
    The **EFL1608-R33** is a surface-mount electronic component, specifically a **High-Frequency Multilayer Chip Inductor**. It is commonly used in RF (Radio Frequency) circuits due to its small form factor and stable performance at high frequencies. --- ## 1. Technical Specifications The part number follows an industry-standard naming convention. Here is the breakdown of its primary specifications: | Feature | Description | | :--- | :--- | | **Component Type** | Multilayer Chip Inductor | | **Inductance Value** | 0.33 µH (330 nH) | | **Package Size (Metric)** | 1608 (1.6mm x 0.8mm) | | **Package Size (Inch)** | 0603 (0.06" x 0.03") | | **Tolerance** | Usually ±5% or ±10% (depending on the suffix) | | **Core Material** | Ceramic or Ferrite (Ceramic for high-frequency RF) | --- ## 2. Key Characteristics * **High Self-Resonant Frequency (SRF):** Designed to maintain inductive properties even at very high frequencies before parasitic capacitance takes over. * **Multilayer Construction:** The inductor is created by layering conductive patterns between ceramic sheets, allowing for a compact size without needing a wire-wound core. * **Excellent Solderability:** Features nickel/tin-plated terminations suitable for flow or reflow soldering processes. --- ## 3. Applications The EFL1608-R33 is typically found in the following circuits: 1. **Impedance Matching:** Used in RF front-ends for smartphones and wireless modules to match antenna impedance. 2. **Filter Circuits:** Employed in Low Pass Filters (LPF) or Band Pass Filters (BPF) to suppress noise. 3. **Decoupling:** Filtering high-frequency noise in power supply lines for sensitive ICs. 4. **Resonance Circuits:** Part of LC oscillators used in telecommunications. --- ## 4. Part Number Decoding The name provides specific data about the physical and electrical nature of the part: ```text EFL 1608 - R33 | | | Series Size Inductance (R33 = 0.33uH) ``` * **EFL:** Series identifier (manufacturer specific, often indicating high frequency/low loss). * **1608:** Physical dimensions (1.6mm length, 0.8mm width). * **R33:** The "R" acts as a decimal point for microhenries (µH). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the EFL1608 series?
    • ⤷ How does a multilayer inductor differ from a wire-wound inductor?
    • ⤷ What is the typical Q-factor for this specific inductor value?