công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • EFH1608-R22

  • AI
    The **EFH1608-R22** is a surface-mount electronic component, specifically a **High-Frequency Multilayer Ceramic Chip Inductor**. It is designed for use in high-frequency circuits such as mobile communication devices and wireless networking equipment. --- ### 1. Part Number Breakdown The part number provides specific technical details about the component's physical and electrical characteristics: | Code | Meaning | Description | | :--- | :--- | :--- | | **EFH** | Series | High-frequency multilayer chip inductor series. | | **1608** | Case Size | Metric 1608 (0603 in Imperial): 1.6mm x 0.8mm. | | **R22** | Inductance | **220 nH** (The 'R' acts as a decimal point in microhenries: 0.22µH). | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (such as ABC Taiwan or others), the standard specifications for an R22 (220nH) inductor in this series are typically: * **Inductance:** 220 nH (Nanohenries). * **Tolerance:** Usually ±5% (J) or ±10% (K). * **Quality Factor (Q):** High Q at high frequencies (typically >15-20 at 100MHz). * **Self-Resonant Frequency (SRF):** High SRF (often above 450-500 MHz), allowing it to function as an inductor at high speeds. * **Rated Current:** Generally low, ranging from 100mA to 300mA. * **DC Resistance (DCR):** Relatively high compared to power inductors, typically between 0.7Ω and 1.5Ω. --- ### 3. Construction and Material The EFH1608 is manufactured using **Multilayer Technology**: * **Internal Electrodes:** Silver (Ag) or Copper (Cu) printed in a spiral pattern on ceramic layers. * **Body Material:** High-frequency ceramic material with low dielectric loss. * **Terminations:** Usually Tin (Sn) plating over Nickel (Ni) and Copper (Cu) to ensure excellent solderability and prevent leaching. --- ### 4. Common Applications Due to its small size and high-frequency performance, this part is found in: 1. **RF Matching Circuits:** Impedance matching for antennas in smartphones. 2. **Filtering:** Low-pass or band-pass filters in Wi-Fi and Bluetooth modules. 3. **Isolation:** Used to block high-frequency noise in signal lines. 4. **VCOs:** Voltage-controlled oscillators for frequency stability.
    ✨ Follow-up Questions
    • ⤷What is the difference between a multilayer inductor and a wire-wound inductor?
    • ⤷ How do I calculate the resonant frequency for this part in my circuit?
    • ⤷ Can this inductor be used for power supply filtering?