công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • EEEHD1A472AM

  • AI
    The **EEE-HD1A472AM** is a specific part number for a surface-mount (SMD) aluminum electrolytic capacitor manufactured by **Panasonic**. It belongs to the **HD Series**, which is characterized by high temperature resistance and low impedance. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Capacitance** | 4700 µF | | **Voltage Rating** | 10 V DC | | **Tolerance** | ±20% (at 120 Hz, +20°C) | | **Operating Temperature** | -55°C to +105°C | | **Endurance** | 5000 hours at 105°C | | **Impedance** | Low Impedance (High reliability) | | **Case Size (Diameter × L)** | 16.0 mm × 16.5 mm | | **Mounting Type** | Surface Mount (SMD / V-Type) | --- ### 2. Part Number Breakdown Understanding the Panasonic coding system helps in identifying the component's properties: * **EEE**: Surface Mount Type Aluminum Electrolytic Capacitor. * **HD**: Series name (High temperature, Low impedance). * **1A**: Voltage code for **10V**. * **472**: Capacitance code. The first two digits (47) are significant figures; the third (2) is the multiplier (10²). $47 \times 100 = 4700$ µF. * **AM**: Size code and packaging variation. --- ### 3. Key Features & Applications #### Features * **Longevity:** Rated for 5,000 hours at its maximum temperature, making it suitable for long-life industrial applications. * **Reflow Soldering:** Designed to withstand the high temperatures of lead-free reflow soldering processes. * **Compactness:** High capacitance-to-volume ratio compared to older through-hole designs. #### Typical Applications 1. **Power Supplies:** Used for smoothing and filtering ripple voltage in DC-DC converters. 2. **Automotive Electronics:** Suitable for infotainment or body control modules due to the 105°C rating. 3. **Industrial Equipment:** High-density PCB designs requiring stable energy storage. 4. **Consumer Electronics:** High-end audio or visual equipment where low impedance is required to reduce noise. --- ### 4. Comparison with Standard Capacitors Compared to the standard "S" series, the **HD series** offers: * Higher ripple current capability. * Lower ESR (Equivalent Series Resistance). * Significantly longer life (5000h vs 1000h-2000h).
    ✨ Follow-up Questions
    • ⤷ What are the recommended reflow soldering profiles for the Panasonic HD series?
    • ⤷ Are there vibration-proof versions available for this specific part number?
    • ⤷ How does the ESR of this capacitor change at sub-zero temperatures?