công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ECSW6MBHT

  • AI
    The **ECSW6MBHT** refers to a high-performance **6-Port Industrial Managed Gigabit PoE+ Switch** with a specific focus on outdoor or harsh environment connectivity. This device integrates networking hardware with power delivery capabilities. --- ### Core Electronic Specifications The following table breaks down the primary electronic and technical characteristics of the unit: | Feature | Specification | Description | | :--- | :--- | :--- | | **Port Configuration** | 4 x 10/100/1000Base-T + 2 x SFP | 4 RJ45 Copper ports and 2 Fiber Uplink slots. | | **PoE Standard** | IEEE 802.3af/at | Supports Power over Ethernet (up to 30W per port). | | **Power Input** | 48 ~ 57V DC | Requires high-voltage DC input for PoE budget. | | **Switching Capacity** | 12 Gbps | The total bandwidth the internal fabric can handle. | | **Operating Temp** | -40°C to 75°C | Industrial-grade thermal tolerance. | | **Protection** | 6KV Surge | Built-in protection against electrical spikes and ESD. | --- ### Key Internal Components #### 1. Power Management Integrated Circuits (PMIC) The board contains specialized controllers that manage the **IEEE 802.3at** handshake. These chips detect if a connected device (like a camera) is PoE-compatible before injecting voltage, preventing damage to non-PoE hardware. #### 2. Ethernet PHY (Physical Layer) The PHY chips are responsible for converting digital data from the processor into electrical signals for the copper wire. In the ECSW6MBHT, these are hardened to operate in extreme temperatures without frequency drifting. #### 3. SFP Transceiver Interfaces The two SFP (Small Form-factor Pluggable) slots utilize high-speed SerDes (Serializer/Deserializer) circuits. These allow for optical fiber communication, which provides galvanic isolation and immunity to electromagnetic interference (EMI). #### 4. Managed Switch Fabric (CPU/ASIC) As a **Managed** switch, it contains a microprocessor and flash memory. This allows the electronics to support complex protocols: * **L2 Management:** VLAN tagging (802.1Q), QoS, and IGMP Snooping. * **Redundancy:** Support for STP/RSTP/MSTP to prevent network loops. --- ### Typical Wiring Application ```mermaid graph LR A[48V-57V DC Power Supply] --> B[ECSW6MBHT Switch] B --> C[PoE IP Camera 1] B --> D[PoE Wireless AP] B --> E[Fiber Backbone via SFP] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the total PoE power budget for the ECSW6MBHT?
    • ⤷ Does this switch support DIN-rail mounting for industrial cabinets?
    • ⤷ What type of SFP modules are compatible with this specific model?