ECJ-RVC1H220K
AI

The **ECJ-RVC1H220K** is a part number for a Multilayer Ceramic Chip Capacitor (MLCC) formerly manufactured by Panasonic. This specific series has largely been phased out or superseded by newer series (like the ECJ-G or ECJ-Z), but it remains a standard reference for surface-mount technology (SMT).
---
### 1. Part Number Breakdown
To understand the electronic characteristics, we can decode the part number according to Panasonic’s legacy coding system:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | `ECJ` | Panasonic Multilayer Ceramic Chip Capacitor |
| **Size/Type** | `R` | Size Code (Refers to 0603 Metric / 0201 Inch) |
| **Voltage** | `1H` | Rated Voltage: 50 Volts (DC) |
| **Capacitance** | `220` | 22pF (22 followed by 0 zeros) |
| **Tolerance** | `K` | ±10% |
---
### 2. Key Technical Specifications
Based on the datasheet standards for this series:
* **Capacitance:** 22 pF (Picofarads).
* **Voltage Rating:** 50V DC (Maximum operating voltage).
* **Dielectric Material:** Typically Class 1 (C0G/NP0) or high-stability Class 2, though "VC" often refers to specific temperature characteristics in legacy catalogs.
* **Package Size:** 0201 (Imperial) / 0603 (Metric).
* *Dimensions:* ~0.6mm x 0.3mm.
* **Termination:** Tin (Sn) plated over nickel barrier.
---
### 3. Usage and Applications
Small-value capacitors like the 22pF variant are commonly used in high-frequency circuits.
1. **Impedance Matching:** Used in RF (Radio Frequency) circuits to match the impedance between different stages.
2. **Filtering:** Effective at filtering out high-frequency noise in sensitive signal lines.
3. **Oscillators:** Often paired with crystals or resonators to provide the necessary load capacitance for clock circuits in microcontrollers.
4. **Decoupling:** Providing a local energy reservoir for high-speed digital ICs to prevent voltage drops.
---
### 4. Direct Replacement Considerations
If you are looking for this part today, Panasonic has consolidated most of its MLCC production. You should look for equivalents using these parameters:
* **Footprint:** 0201 (0603 Metric).
* **Value:** 22pF.
* **Dielectric:** C0G (NP0) is the best replacement for stability.
* **Voltage:** 50V or higher.
- ⤷What are the equivalent modern part numbers from other manufacturers like Murata or TDK?
- ⤷ How does the C0G dielectric differ from X7R in this capacitance range?
- ⤷ Is this part suitable for automotive applications?