công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • EC36-R82M

  • AI
    The **EC36-R82M** typically refers to a high-current, surface-mount (SMD) power inductor commonly used in automotive and industrial electronic circuits. These components are designed to manage power conversion and filtering with high efficiency. --- ### ## Technical Specifications Below are the typical electronic characteristics for the R82M series (specifically the 0.82µH variant): | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.82 µH | | **Tolerance** | ±20% (M) | | **DCR (DC Resistance)** | ~1.5mΩ to 3.0mΩ (Typical) | | **Saturation Current (Isat)** | ~25A to 40A (Depending on size) | | **Operating Temperature** | -40°C to +125°C / +150°C | | **Core Material** | Metal Alloy / Carbonyl Iron | --- ### ### Key Electronic Components & Features 1. **Shielded Construction:** The "EC" series usually features a shielded design. This minimizes **Electromagnetic Interference (EMI)**, ensuring that the magnetic field generated by the inductor does not interfere with nearby sensitive components like microcontrollers. 2. **Composite Core Material:** The core is made of a metal alloy powder. Unlike traditional ferrite cores, these offer "soft saturation." This means the inductance drops gradually as current increases, rather than crashing abruptly, which protects the circuit during power spikes. 3. **Low DCR (Direct Current Resistance):** The use of thick copper windings ensures very low resistance. This translates to higher efficiency and less heat generation, which is critical for high-density PCB layouts. --- ### ### Common Applications * **DC/DC Converters:** Used in buck, boost, or buck-boost regulators to store energy. * **Voltage Regulator Modules (VRM):** Found near CPUs and GPUs to provide stable, high-current power. * **Automotive Electronics:** Used in ADAS (Advanced Driver Assistance Systems) and Infotainment due to its high-temperature stability. * **Noise Filtering:** Acting as a low-pass filter to smooth out ripples in power supply lines. --- ### ### PCB Layout Considerations When integrating the EC36-R82M into a circuit: * **Thermal Relief:** Because this part handles high current, ensure the PCB traces are wide enough to dissipate heat. * **Proximity:** Keep the inductor close to the switching IC to minimize the "current loop" area, which reduces EMI.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the EC36-R82M in high-temperature environments?
    • ⤷ How does a metal alloy core compare to a standard ferrite core in terms of performance?
    • ⤷ Are there specific footprints or land patterns recommended for the EC36 series?