EC1210A-R22
AI

The **EC1210A-R22** is an electronic component, specifically a **Surface Mount (SMD) Wire-wound Inductor**. It is part of the 1210 series (3225 metric), designed for general-purpose electronic circuits where space-saving and reliability are key requirements.
---
### 1. Key Technical Specifications
The model number "R22" indicates the inductance value. Here is a breakdown of its primary electrical characteristics:
| Parameter | Specification | Note |
| :--- | :--- | :--- |
| **Inductance** | 0.22 µH (R22) | "R" acts as the decimal point |
| **Package Size** | 1210 (3.2mm x 2.5mm) | Metric 3225 |
| **Construction** | Wire-wound | Offers higher Q-factor and current handling |
| **Tolerance** | Usually ±10% or ±20% | Dependent on manufacturer suffix |
| **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly |
---
### 2. Component Structure
The EC1210A-R22 is built using specific materials to maintain stability across various frequencies:
* **Core Material:** Typically a Ceramic or Ferrite core. For lower values like 0.22µH, ceramic is often used to ensure a high Self-Resonant Frequency (SRF).
* **Winding:** Copper wire is wound around the core and terminated at metallic end-caps for soldering.
* **Encapsulation:** The assembly is usually molded or coated with epoxy resin to protect the wire from physical damage and moisture.
---
### 3. Applications and Use Cases
Because of its small footprint and wire-wound design, this part is commonly used in:
1. **RF Circuits:** Used for impedance matching and signal filtering in high-frequency communications.
2. **Power Decoupling:** Helps filter out high-frequency noise in power supply lines for microprocessors.
3. **EMI Suppression:** Acts as a choke to prevent electromagnetic interference from affecting sensitive components.
4. **Mobile Electronics:** Ideal for smartphones, tablets, and wearables due to the 1210 form factor.
---
### 4. Advantages
* **High Q-Factor:** Wire-wound inductors generally have lower DC resistance (DCR) compared to multilayer inductors, leading to better efficiency.
* **Stable Inductance:** Maintains its value well under varying temperature and voltage conditions.
* **Compactness:** Provides a high inductance-to-size ratio.
- ⤷
What is the maximum current rating (Irms) for this specific inductor?
- ⤷How does the R22 (0.22µH) value compare to a 220 value in this series?
- ⤷What are the alternatives to wire-wound inductors for 1210 packages?