EC1008A-R33
AI

The **EC1008A-R33** is a specific surface-mount electronic component, primarily categorized as a **Wire-Wound Chip Inductor**. It is widely used in high-frequency circuits, RF modules, and telecommunications equipment.
---
### 1. Technical Specifications
The part number follows a standard nomenclature used by manufacturers (like Eon-C or similar suppliers). Here are the typical specifications for this component:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Wire-Wound Fixed Inductor |
| **Inductance** | 0.33 µH (330 nH) |
| **Case Size** | 1008 (2.5 mm x 2.0 mm) |
| **Tolerance** | ±5% or ±10% (Commonly J or K) |
| **Core Material** | Ceramic or Ferrite |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Physical Characteristics
* **Package Size (1008):** The numbers "1008" represent the physical dimensions in inches (0.10" x 0.08"), which translates to approximately **2.5mm x 2.0mm**.
* **Construction:** It consists of a copper wire wound around a ceramic or ferrite core. The ends of the wire are bonded to metallic pads for soldering.
* **Encapsulation:** Often coated with epoxy or a clear resin to protect the windings from environmental factors and physical damage.
---
### 3. Electrical Functions
The EC1008A-R33 performs several critical roles in an electronic assembly:
* **RF Tuning:** Used in LC (Inductor-Capacitor) circuits to select specific frequencies in wireless devices.
* **Impedance Matching:** Ensures maximum power transfer between different stages of an RF circuit (e.g., between an antenna and an amplifier).
* **Signal Filtering:** Blocks high-frequency noise while allowing DC or lower-frequency signals to pass through.
---
### 4. Typical Applications
The "R33" (330nH) value is particularly common in the following industries:
1. **Mobile Communications:** Smartphones, GPS modules, and Bluetooth transceivers.
2. **Computing:** High-speed data buses and WLAN cards.
3. **Automotive:** Infotainment systems and keyless entry modules.
---
### 5. Part Number Decoding
Understanding the suffix and prefix:
* **EC:** Manufacturer series code.
* **1008:** Physical footprint (2.5mm x 2.0mm).
* **A:** Internal design or material revision code.
* **R33:** The inductance value. "R" acts as a decimal point ($0.33$ µH).
- ⤷
What is the maximum current rating (Irms) for the EC1008A-R33?
- ⤷ How does a ceramic core inductor differ from a ferrite core inductor in RF applications?
- ⤷ What are the recommended soldering profiles for 1008 size SMD inductors?