công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • EB412R60

  • AI
    The **EB412R60** is a specialized power distribution and protection component, typically associated with high-density server rack environments or industrial power systems. It is often identified as a **Rack PDU (Power Distribution Unit)** or a sub-component within modular power systems (like those from APC or Schneider Electric). --- ### 1. Technical Specifications Overview The model number "EB412R60" suggests specific electrical characteristics tailored for 3-phase power environments. | Feature | Typical Specification | | :--- | :--- | | **Input Voltage** | 208V / 400V (3-Phase) | | **Current Rating** | 60 Amps | | **Form Factor** | Rack-mount (Horizontal or Vertical) | | **Circuit Breakers** | Integrated Hydraulic-Magnetic breakers | | **Connectivity** | IEC 309 (Commando) or NEMA hardwire | --- ### 2. Key Electronic Components Inside an EB412R60, several critical electronic parts work together to ensure stable power delivery: #### A. Power Monitoring Logic * **Microcontroller (MCU):** An embedded chip that calculates real-time metrics such as Amps, Volts, Kilowatts, and Power Factor. * **Current Transformers (CTs):** Small toroidal coils placed around the internal conductors to sense the current flow without breaking the circuit. #### B. Protection Circuitry * **Hydraulic-Magnetic Breakers:** Unlike thermal breakers, these are not affected by ambient temperature in the server room, providing precise tripping at 60A. * **Surge Suppression (TVSS):** Metal Oxide Varistors (MOVs) are often included to protect downstream IT equipment from voltage spikes. #### C. Communication Interface * **Network Management Card (NMC):** Contains an Ethernet controller and RJ-45 port, supporting protocols like SNMP, HTTP, and Telnet for remote monitoring. * **LCD/LED Display:** A local interface used to show the current load per phase to prevent overloading during installation. --- ### 3. Functional Blocks The device is electronically partitioned into three main stages: 1. **Input Stage:** Receives the 60A 3-phase feed; filters initial noise. 2. **Distribution Stage:** Splits the 60A feed into multiple lower-amperage branches (e.g., 20A circuits). 3. **Monitoring Stage:** Digitizes the analog signals from the sensors and transmits data to the data center infrastructure management (DCIM) software. --- ### 4. Safety and Compliance The electronics are designed to meet strict industrial standards: * **UL 60950-1 / 62368-1:** Safety for Information Technology Equipment. * **RoHS Compliance:** Ensures the electronic solder and components are lead-free. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific communication protocols supported by the EB412R60 management card?
    • ⤷ How does the 60 Amp rating affect the choice of input wiring and connectors?
    • ⤷ Can the internal breakers be remotely reset via the network interface?