EB2-4.5TNUH-R
AI

## Technical Overview of EB2-4.5TNUH-R
The **EB2-4.5TNUH-R** is a specific model within the EB2 series of miniature signal relays manufactured by **KEMET** (formerly TOKIN). These relays are widely used in telecommunications, test equipment, and consumer electronics due to their compact size and high reliability.
---
### 1. Part Number Breakdown
Understanding the suffix codes helps identify the specific electronic characteristics of this component:
| Code | Meaning | Description |
| :--- | :--- | :--- |
| **EB2** | Series Name | Miniature Signal Relay (Surface Mount Type) |
| **4.5** | Nominal Voltage | 4.5V DC Coil Voltage |
| **T** | Latching Type | Double Coil Latching (Remains in state without continuous power) |
| **NU** | Standard Type | Standard UL/CSA recognized version |
| **H** | High Insulation | Minimum 1000V AC breakdown voltage between open contacts |
| **-R** | Packaging | Embossed Tape & Reel packaging |
---
### 2. Key Electrical Specifications
This relay is designed for low-power signal switching rather than high-power load switching.
| Parameter | Value |
| :--- | :--- |
| **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) |
| **Coil Voltage** | 4.5 VDC |
| **Set/Reset Power** | ~140 mW |
| **Max Switching Voltage** | 220V DC / 250V AC |
| **Max Switching Current** | 1A |
| **Contact Resistance** | 75 mΩ max. (initial) |
| **Operating Temperature** | -40°C to +85°C |
---
### 3. Core Features
* **Double Coil Latching:** Unlike non-latching relays that require constant current to stay "on," this model uses two coils. One pulse to the "Set" coil flips the switch, and it stays there mechanically until a pulse is sent to the "Reset" coil. This is excellent for battery-powered devices to save energy.
* **Compact Footprint:** Designed for high-density SMT (Surface Mount Technology) PCB mounting.
* **High Reliability:** Features gold-overlay silver alloy contacts, which prevent oxidation and ensure stable switching for low-level signals.
* **Safety Compliance:** Meets Telcordia (1500V) and FCC (1500V) surge requirements.
---
### 4. Typical Applications
* **Telecommunications:** PBX systems and modems.
* **Measurement Equipment:** Oscilloscopes and signal generators.
* **Medical Electronics:** Portable diagnostic tools.
* **Audio/Video:** Signal routing and switching.
- ⤷
What is the difference between single-coil and double-coil latching in relays?
- ⤷ How do I calculate the pulse width required to trigger the EB2-4.5TNUH-R?
- ⤷ Can this relay be used for switching high-power AC loads like motors?