EB2-4.5TNUE-R
AI

The **EB2-4.5TNUE-R** is a specific model of signal relay produced by **KEMET** (formerly NEC/Tokin). It belongs to the EB2 series, which are compact, surface-mount (SMD) miniature relays designed for high density and reliability.
---
### ## Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Series** | EB2 Series (Miniature Signal Relay) |
| **Coil Voltage** | 4.5 VDC |
| **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) |
| **Latching Type** | Non-latching (Single side stable) |
| **Contact Material** | Silver alloy with gold overlay |
| **Maximum Switching Power** | 30W (DC), 62.5VA (AC) |
| **Maximum Switching Voltage** | 220VDC / 250VAC |
| **Maximum Switching Current** | 1A |
| **Mounting Type** | Surface Mount (SMD) |
| **Terminal Shape** | Gull-wing (Standard for SMD) |
---
### ### Key Features and Construction
* **Miniature Footprint:** Designed to occupy minimal PCB real estate, making it ideal for modern telecommunication and medical devices.
* **Low Power Consumption:** The coil is optimized for low power consumption, which is critical for battery-operated or energy-efficient electronics.
* **High Reliability:** Features a twin crossbar contact system to ensure low contact resistance and stable switching even at very low signal levels.
* **Safety Standards:** Complies with FCC (Part 68) surge requirements (1500V) and UL/CSA safety standards.
---
### ### Part Number Breakdown
Understanding the suffix codes:
* **EB2:** Series identifier.
* **4.5:** Nominal coil voltage (4.5V).
* **T:** High breakdown voltage type.
* **NUE:** Standard SMD configuration (Gull-wing terminals).
* **-R:** Indicates "Tape and Reel" packaging (used for automated pick-and-place assembly).
---
### ### Typical Applications
* **Telecommunications:** PABX systems, modems, and networking equipment.
* **Measurement Equipment:** Oscilloscopes and signal generators.
* **Medical Electronics:** Diagnostic and monitoring tools.
* **Audio/Video Equipment:** Signal routing and switching.
- ⤷
What is the difference between the EB2 and the EC2 series relays?
- ⤷ Can this relay be used for high-frequency RF switching?
- ⤷ What are the soldering profile requirements for the 'NUE' SMD package?