AI

## Technical Overview: EB2-12TNUH-R Signal Relay
The **EB2-12TNUH-R** is a miniature, surface-mount (SMD) signal relay manufactured by **KEMET** (formerly NEC/Tokin). It belongs to the EB2 series, known for its high reliability and ultra-low profile design, primarily used in telecommunications and test equipment.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) |
| **Rated Coil Voltage** | 12 VDC |
| **Coil Resistance** | 1,028 $\Omega$ (Typical) |
| **Contact Rating** | 30W, 62.5VA (Max 220VDC / 250VAC) |
| **Maximum Switching Current** | 1 A |
| **Termination Style** | Gull-wing (Surface Mount) |
| **Latch Type** | Non-latching (Monostable) |
| **Special Feature** | High breakdown voltage / Ultra-low profile |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's construction:
* **EB2**: Series Name (Miniature Signal Relay).
* **12**: Rated Coil Voltage (12 Volts).
* **T**: High Breakdown Voltage type (T-series).
* **N**: Standard Contact Type.
* **UH**: High Heat Resistance / Surface Mount (Gull-wing).
* **R**: Taping/Packaging (Reel).
---
### 3. Electronic Characteristics
#### A. Contact System
The device features **2 Form C** contacts, meaning it has two independent sets of changeover switches. The contacts are typically gold-overlaid silver alloy to ensure low contact resistance and high reliability for low-level signals.
#### B. Coil Performance
* **Nominal Operating Power:** Approximately 140 mW.
* **Must Operate Voltage:** 75% of nominal voltage (9 VDC).
* **Must Release Voltage:** 10% of nominal voltage (1.2 VDC).
#### C. Dielectric Strength
Being a **T-series** variant, this relay is designed for higher isolation:
* **Between open contacts:** 1,000 VAC (for 1 minute).
* **Between coil and contacts:** 1,500 VAC (for 1 minute).
* **Surge Strength:** 2,500 V (between coil and contacts).
---
### 4. Common Applications
Due to its small footprint and high dielectric strength, this part is commonly found in:
1. **Telecommunications:** Switching for PABX and central office equipment.
2. **Test & Measurement:** Oscilloscopes and automated test equipment (ATE).
3. **Medical Equipment:** Isolated signal switching.
4. **Consumer Electronics:** Power management in high-end audio or smart home devices.
- ⤷What is the difference between the EB2 and EC2 series relays?
- ⤷ Does the EB2-12TNUH-R require a flyback diode in its circuit?
- ⤷ What is the maximum operating temperature for this SMD relay?