EB2-12SNUL-R
AI

The **EB2-12SNUL-R** is a specific model of a miniature signal relay manufactured by **KEMET** (formerly NEC/Tokin). It belongs to the EB2 series, which is widely used in telecommunications and low-signal switching applications.
---
### ## Technical Specifications Overview
The part number "EB2-12SNUL-R" can be broken down into its specific technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Series** | EB2 (Miniature Signal Relay) |
| **Coil Voltage** | 12V DC |
| **Relay Type** | Single-Winding Latching |
| **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) |
| **Mounting Type** | Surface Mount (SMD) |
| **Terminal Shape** | Gull-wing |
| **Special Standard** | UL/CSA Recognized |
---
### ### Key Electronic Components & Internal Mechanics
1. **Latching Mechanism (S - Single Winding):**
Unlike standard "non-latching" relays that require constant power to stay active, this is a **latching relay**. It uses a permanent magnet to hold the contacts in position. A short pulse of 12V DC switches the state, and it remains in that state without further power consumption.
2. **Contact Materials:**
The contacts are typically made of **Silver alloy with gold overlay**. The gold plating ensures high reliability when switching very low currents (dry circuits) by preventing oxidation on the contact surfaces.
3. **Dielectric Strength:**
Despite its small size, it provides significant isolation:
* **Between open contacts:** 1,000V AC
* **Between coil and contacts:** 1,500V AC
4. **Power Consumption:**
Because it is a latching relay, the "nominal operating power" is only consumed during the transition (approx. 100mW - 140mW). This makes it ideal for battery-powered devices.
---
### ### Application Use Cases
Due to its high reliability and compact SMD footprint, the EB2-12SNUL-R is commonly found in:
* **Telecommunication Equipment:** Switching telephone lines or signal routing.
* **Measurement Instruments:** Oscilloscopes and automated test equipment (ATE).
* **Medical Electronics:** Signal isolation in diagnostic tools.
* **Audio/Video:** Low-distortion signal switching.
---
### ### Typical Wiring Diagram (Simplified)
```text
[COIL]
(1) o--[ ]--o (12) <- Apply 12V pulse to Set/Reset
[CONTACTS]
(3) o---. .---o (10) [NC]
(4) o---|---|---o (9) [COM]
(5) o---' '---o (8) [NO]
```
- ⤷
What is the difference between single-winding and double-winding latching relays?
- ⤷ How do I calculate the pulse duration required to trigger this relay?
- ⤷ Can this relay be used for high-voltage power switching applications?